Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N9Q45VTP Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DX80N9Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N9Q45VTP Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DX80N9Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
The Wireless Q45VTP Node is a compact, industrial, battery-powered device that wirelessly communicates with any Sure Cross
Performance Gateway and mounts on a variety of machines to analyze vibration data and identify and predict failures in rotating
machinery. The Q45VTP uses DIP switches to allow multiple configuration options for the vibration characteristics being monitored
by Banner's QM42VT1 Vibration Sensor.
Benefits
Delivers pre-processed high accuracy vibration values for monitoring rotating equipment such as:
Motors
Pumps
Rotary Compressors
Exhaust or HVAC fan motors
Spindles
Easy-to-use rugged device that can be easily mounted to equipment
Use with the DXM Wireless Controller to track and trend vibration characteristics in real time to predict need for
maintenance, predict potential component failure and avoid process downtime.
Eliminate control wires—The Sure Cross wireless system is a radio frequency network with integrated I/O that removes the
need for power and control wires
Reduce complexity—Machine or process reconfiguration made easier; great for retrofit applications
Deploy easily—Simplify installation on existing equipment enables deployment in remote and hard-to-access locations
where implementing a wired solution would be difficult, impractical, or not cost-effective
Battery powered for “peel and stick” functionality with 2+ years of battery life
Achieves vibration accuracy of ±10% RMS velocity (in/sec)
Detects vibration characteristics on 2 axis (radial and axial) such as RMS Velocity, High
Frequency Acceleration, Peak Acceleration, Peak Velocity Component Frequency, etc
Transmit power levels of 250 mW or 1 Watt for 900 MHz models and 65 mW for 2.4 GHz
models are user-selectable
DIP switches for user configuration of sample time and vibration characteristics
Frequency Hopping Spread Spectrum (FHSS) technology ensures reliable data delivery
within the unlicensed Industrial, Scientific, and Medical (ISM) band
Transceivers provide bidirectional communication between the Gateway and Node, including
fully acknowledged data transmission
Diagnostics allow user-defined output settings in the unlikely event of lost RF signal
WARNING:
Do not use this device for personnel protection.
Using this device for personnel protection could result in serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in
personnel safety applications. A device failure or malfunction can cause either an energized (on) or de-
energized (off) output condition.
Models
Model
Radio Frequency
Inputs and Outputs
DX80N2Q45VTP
2.4 GHz ISM Band
Pre-configured to monitor QM42VT1 vibration/temperature sensors
DX80N9Q45VTP
900 MHz ISM Band
Exporting Sure Cross® Radios. It is our intent to fully comply with all national and regional regulations regarding radio frequency emissions. Customers who want to re-export this product
to a country other than that to which it was sold must ensure the device is approved in the destination country. A list of approved countries appears in the
Radio Certifications section of
the product manual. The Sure Cross wireless products were certified for use in these countries using the antenna that ships with the product. When using other antennas, verify you are
not exceeding the transmit power levels allowed by local governing agencies. Consult with Banner Engineering Corp. if the destination country is not on this list.
Sure Cross® Wireless Q45VTP Node
Original Document
208637 Rev. A
8 October 2018
208637


Similar Part No. - DX80N9Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9Q45VA BANNER-DX80N9Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80N9Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com