Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N9Q45VTP Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # DX80N9Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N9Q45VTP Datasheet(HTML) 4 Page - Banner Engineering Corp.

  DX80N9Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. DX80N9Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Description
DIP Switches
1
2
3
4
5
6
7
8
Reserved
ON
ON
OFF
User configured (use the Sensor Configuration Tool To pre-configure
QM42VT1)
ON
ON
ON
Sample/report rate: user configured (5 minutes by default)
OFF*
OFF*
Sample/report rate: 150 seconds
OFF
ON
Sample/report rate: 60 seconds
ON
OFF
Reserved
ON
ON
English units (e.g. velocity = in/s)
OFF*
Metric units (e.g. velocity = mm/s)
ON
Reserved
OFF*
* Default position
I/O Configurations (Set by DIP Switches 2, 3, and 4)
Input
Register
Default I/O
I/O Configuration 1
I/O Configuration 2
I/O Configuration 3
I/O Configuration 4
I/O Configuration 5
1
Z-Axis
RMS Velocity (in/sec) RMS Velocity (in/sec)
High-Frequency RMS
Acceleration (G)
RMS Velocity (in/
sec)
Full Bandwidth RMS
Acceleration (G)
RMS Velocity (in/sec)
2
High-Frequency RMS
Acceleration (G)
Peak Acceleration (G)
Peak Acceleration (G)
Peak Velocity
Component
Frequency (Hz)
Full Bandwidth Peak
Acceleration (G)
Full Bandwidth RMS
Acceleration (G)
3
-
Temperature (°F)
Temperature (°F)
Temperature (°F)
Temperature (°F)
Temperature (°F)
Temperature (°F)
4
-
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
5
X-Axis
RMS Velocity (in/sec) RMS Velocity (in/sec)
High-Frequency RMS
Acceleration (G)
RMS Velocity (in/
sec)
Full Bandwidth RMS
Acceleration (G)
RMS Velocity (in/sec)
6
High-Frequency RMS
Acceleration (G)
Peak Acceleration (G)
Peak Acceleration (G)
Peak Velocity
Component
Frequency (Hz)
Full Bandwidth Peak
Acceleration (G)
Full Bandwidth RMS
Acceleration (G)
If DIP switch 7 is on, all in/s units change to mm/s. DIP switch 7 will only switch units with DIP switch I/O configurations, not with
any user configuration.
Configure the Q45 Using the User Configuration Tool (UCT)
The User Configuration Tool (UCT) offers an easy way to change sensor settings, show sensor data from different sensors, and
retrieve data from the Gateway radio. The UCT runs on any Windows computer and uses an adapter cable to connect the Gateway
to your computer.
Download the most recent version of the UCT from Banner Engineering's website:
www.bannerengineering.com/wireless.
Sure Cross® Wireless Q45VTP Node
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 208637 Rev. A


Similar Part No. - DX80N9Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9Q45VA BANNER-DX80N9Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80N9Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com