Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45VTP Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VTP Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1. Enter binding mode on the Gateway.
For housed DX80 Gateways, triple-click button 2 on the Gateway. Both LEDs flash red.
For board-level DX80 Gateways, triple-click the binding button on the Gateway. The green and red LED flashes.
2. Assign the Q45VTP a Node address using the Gateway's rotary dials. Use the left rotary dial for the left digit and the right
rotary dial for the right digit. For example, to assign your Q45VTP to Node 10, set the Gateway's left dial to 1 and the right
dial to 0. Valid Node addresses are 01 through 47.
3. Loosen the clamp plate on the top of the Q45VTP and lift the cover.
4. Enter binding mode on the Q45VTP by triple-clicking the Q45VTP's binding button.
The red and green LEDs flash alternately and the sensor searches for a Gateway in binding mode. After the Q45VTP is
bound, the LEDs stay solid momentarily, then they flash together four times. The Q45VTP exits binding mode.
5. Label the sensor with the Q45VTP's Node address number for future reference.
6. Repeat steps 2 through 5 for as many Q45VTP as are needed for your network.
7. After binding all Q45VTP, exit binding mode on the Gateway.
For housed DX80 Gateways, double-click button 2 on the Gateway.
For board-level DX80 Gateways, double-click the binding button on the Gateway.
For Gateways with single-line LCDs, after binding your Q45VTP to the Gateway, make note of the binding code displayed under
the Gateway's *DVCFG menu, XADR submenu on the LCD. Knowing the binding code prevents having to re-bind all Q45VTPs if
your Gateway is ever replaced.
Bind a Q45 Node to a DXM Gateway and Assign the Node Address
Before beginning the binding procedure, apply power to all the devices. Separate radios by 2 meters when running binding
procedure. Put only one DXM Gateway into binding at a time to prevent binding to the wrong Gateway.
1. On the DXM radio using the arrow keys select the ISM Radio menu on the LCD and click ENTER.
2. Highlight the Binding menu and click ENTER.
3. Use the arrow keys to select the Node address to bind the Q45VTP to.
4. Loosen the clamp plate on the top of the Q45VTP and lift the cover.
5. Enter binding mode on the Q45VTP by triple-clicking the power/binding button.
The red and green LEDs flash alternately and the sensor searches for a Gateway in binding mode. After the Q45VTP binds,
the LEDs stay solid momentarily, then they flash together four times. The Q45 exits binding mode.
6. Label the sensor with the Q45VTP's Node address number for future reference.
7. Click BACK on DXM to exit binding for that specific Node address.
8. Repeat steps 3 through 7 changing the Node address for as many Q45VTPs as are needed for your network.
9. Click BACK on DXM until back to the main menu when finished binding.
DIP Switches
After making any changes to any DIP switch position, reboot the Q45VTP by triple-clicking the button, waiting a second, then
double-clicking the button.
The DIP switches are in the OFF position. To turn a DIP switch on, push the switch toward the battery pack. DIP switches one
through four are numbered from left to right.
Description
DIP Switches
1
2
3
4
5
6
7
8
Transmit power: 1 Watt
OFF*
Transmitt power: 250 mW (compatible with 150 mW radios)
ON
Default I/O configuration1
OFF*
OFF*
OFF*
I/O configuration 1
OFF
OFF
ON
I/O configuration 2
OFF
ON
OFF
I/O configuration 3
OFF
ON
ON
I/O configuration 4
ON
OFF
OFF
I/O configuration 5
ON
OFF
ON
1 User configurable if switch 7 is OFF; for input serial addresses, see Modbus Registers and I/O Serial Addresses on page 5
Sure Cross® Wireless Q45VTP Node
P/N 208637 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
3


Similar Part No. - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR2CV BANNER-Q45VR2CV Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR2CV4 BANNER-Q45VR2CV4 Datasheet
400Kb / 11P
Q45VR2 Series Sensors
Q45VR2CV4Q BANNER-Q45VR2CV4Q Datasheet
400Kb / 11P
Q45VR2 Series Sensors
More results

Similar Description - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com