Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45VTP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VTP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Storage Mode
While in storage mode, the Q45VTP's radio does not operate. The Q45VTP ships from the factory in storage mode to conserve the
battery. To wake the device, press and hold the button for five seconds. To put any Q45VTP into storage mode, press and hold the
button for five seconds. The Q45VTP is in storage mode when the LEDs stop blinking.
General Operation
For the first 15 minutes after power up, the Node samples the sensor every two seconds (fast sample mode). After 15 minutes, the
Node defaults to 5 minute sample intervals. Activate fast sample mode by single clicking the button (the amber LED is solid).
ISO 10816 provides guidance for evaluating vibration velocity severity motors, pumps, fans, compressors, gear boxes, blowers,
dryers, presses, and other machines that operate in the 10 to 1000 Hz frequency range.
Machine
Class I
Small Machines
Class II
Medium Machines
Class III
Large Rigid Foundation
Class IV
Large Soft Foundation
in/s
mm/s
0.01
0.28
0.02
0.45
0.03
0.71
good
0.04
1.12
0.07
1.80
0.11
2.80
satisfactory
0.18
4.50
0.28
7.10
unsatisfactory
0.44
11.2
0.70
18.0
1.10
28.0
unacceptable
1.77
45.9
Figure 1. Vibration Severity per ISO 10816
Button and LEDs
1
2
3
5
4
1
Button
2
Red LED (flashing) indicates a radio link error with the Gateway.
3
Green LED (flashing) indicates a good radio link with the Gateway.
4
Amber LED is not used.
5
DIP Switches
Configuration Instructions
Bind to the Gateway and Assign the Node Address
Before beginning the binding procedure, apply power to all the devices. Separate the devices by two meters when running binding
procedure. Put only one Gateway into binding at a time to prevent binding to the wrong Gateway.
Figure 2. Buttons on a housed Gateway
Sure Cross® Wireless Q45VTP Node
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 208637 Rev. A


Similar Part No. - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV BANNER-Q45VR2CV Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4 BANNER-Q45VR2CV4 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4Q BANNER-Q45VR2CV4Q Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
More results

Similar Description - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com