Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45VTP Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VTP Datasheet(HTML) 6 Page - Banner Engineering Corp.

  Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
I/O #
Modbus Holding Register
I/O Type
I/O Range
Holding Register
Representation
Gateway
Any Node
Min.
Max.
Min.
Max.
1
1
1 + (Node# × 16)
Sensor Input Register 1
2
2
2 + (Node# × 16)
Sensor Input Register 2
3
3
3 + (Node# × 16)
Sensor Input Register 3
4
4
4 + (Node# × 16)
Sensor Input Register 4
5
5
5 + (Node# × 16)
Sensor Input Register 5
6
6
6 + (Node# × 16)
Sensor Input Register 6
7
7
7 + (Node# × 16)
Reserved
8
8
8 + (Node# × 16)
Device Message
...
15
15
15 + (Node# × 16)
Control Message
16
16
16 + (Node# × 16)
Reserved
By default, data is supplied to the Node every five minutes, unless the Node requests the data sooner. The default configuration is
shown and all optional outputs types are listed. Use the User Configuration Tool (UCT) to adjust the Sensor Register output type.
For more information, see
Configure the Q45 Using the User Configuration Tool (UCT) on page 4.
Temperature values outside the operating range of the device are forced to the maximum or minimum values.
Replacing the Batteries
To replace the lithium "AA" cell battery, follow these steps. As with all batteries, these are a fire, explosion, and severe burn hazard.
Do not burn or expose them to high temperatures. Do not recharge, crush, disassemble, or expose the contents to water. Properly
dispose of used batteries according to local regulations by taking it to a hazardous waste collection site, an e-waste disposal
center, or other facility qualified to accept lithium batteries.
1. Lift the plastic cover.
2. Slide the board containing the batteries out of the Q45 housing.
3. Remove the discharged batteries and replace with new batteries. Use two 3.6 V
AA lithium batteries, such as Xeno's XL-60F or equivalent.
4. Verify the battery’s positive and negative terminals align to the positive and
negative terminals of the battery holder mounted within the case. Caution: There
is a risk of explosion if the battery is replaced incorrectly.
5. Slide the board containing the new batteries back into the Q45 housing.
Replacement battery model number: BWA-BATT-006. For pricing and availability, contact
Banner Engineering.
Specifications
Performance Radio with Internal Antenna Specifications
Radio Range2
900 MHz, 1 Watt (Internal antenna): Up to 3.2 km (2 miles) with line of sight
2.4 GHz, 65 mW (Internal antenna): Up to 1000 m (3280 ft) with line of sight
Antenna Minimum Separation Distance
900 MHz, 150 mW and 250 mW: 2 m (6 ft)
900 MHz, 1 Watt: 4.57 m (15 ft)
2.4 GHz, 65 mW: 0.3 m (1 ft)
Radio Transmit Power
900 MHz, 1 Watt: 30 dBm (1 W) conducted (up to 36 dBm EIRP)
2.4 GHz, 65 mW: 18 dBm (65 mW) conducted, less than or equal to 20 dBm
(100 mW) EIRP
Spread Spectrum Technology
FHSS (Frequency Hopping Spread Spectrum)
900 MHz Compliance (1 Watt)
FCC ID UE3RM1809: This device complies with FCC Part 15, Subpart C,
15.247
IC: 7044A-RM1809
2.4 GHz Compliance
FCC ID UE300DX80-2400 - This device complies with FCC Part 15, Subpart
C, 15.247
ETSI EN 300 328: V1.8.1 (2012-06)
IC: 7044A-DX8024
Link Timeout
Gateway: Configurable via User Configuration Tool (UCT) software
Node: Defined by Gateway
Radiated Immunity HF
10 V/m (EN 61000-4-3)
2
Range depends on the environment and decreases significantly without line of sight. Always verify your wireless network's range by performing a Site Survey.
Sure Cross® Wireless Q45VTP Node
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 208637 Rev. A


Similar Part No. - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV BANNER-Q45VR2CV Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4 BANNER-Q45VR2CV4 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4Q BANNER-Q45VR2CV4Q Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
More results

Similar Description - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com