Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45VTP Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # Q45VTP
Description  Sure Cross짰 Wireless Q45VTP Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VTP Datasheet(HTML) 5 Page - Banner Engineering Corp.

  Q45VTP Datasheet HTML 1Page - Banner Engineering Corp. Q45VTP Datasheet HTML 2Page - Banner Engineering Corp. Q45VTP Datasheet HTML 3Page - Banner Engineering Corp. Q45VTP Datasheet HTML 4Page - Banner Engineering Corp. Q45VTP Datasheet HTML 5Page - Banner Engineering Corp. Q45VTP Datasheet HTML 6Page - Banner Engineering Corp. Q45VTP Datasheet HTML 7Page - Banner Engineering Corp. Q45VTP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1. Go to the Configuration > Device Configuration screen.
2. On the top of the screen, select Nodes Currently in the System from the drop-down list and click Get devices in system.
All Nodes bound to the Gateway connected to the computer display.
3. Click the arrow next to the Nodes to display the parameters specific to that Node.
In this example, the parameters for Node 1 are shown.
4. Under the Node 1 I/O points section, click GET I/O Points.
All I/O types for this Node are loaded onto the screen.
5. To view the parameters for an I/O point, click the arrow next to that I/O point.
In this example, the parameters for I/O point 1 are shown.
6. To set the Serial address, go to the Serial options section of the I/O point's parameters and enter the value.
In this example, the Serial address is set to 16 for output Z-Axis RMS Velocity (in/sec).
7. After making changes to the I/O point parameters, click SEND to send the changes to the network.
8. Repeat steps 5 and 8 for each input to manually change the configuration of the vibration parameters by changing the
serial address.
For more information on using the User Configuration Tool software, refer to the User Configuration Tool Instruction Manual (p/n
140628).
Modbus Registers and I/O Serial Addresses
I/O Serial Addresses
Serial
Address
Output Type
I/O Range
Holding Register Representation
Min
Max
Min (Dec)
Max (Dec)
16
Z-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
25
Z-Axis High-Frequency RMS Acceleration 2, 5
0
65.535
0
65535
-
Reserved
-
-
-
-
64
X-Axis RMS Velocity (in/sec) 1, 5
0
6.5535
0
65535
73
X-Axis High-Frequency RMS Acceleration (G) 2, 5
0
65.535
0
65535
20
Z-Axis Peak Acceleration (G) 2, 6
0
65.535
0
65535
68
X-Axis Peak Acceleration (G) 2, 6
0
65.535
0
65535
18
Z-Axis Peak Velocity Component Frequency (Hz) 4, 5
0
6553.5
0
65535
66
X-Axis Peak Velocity Component Frequency (Hz) 4, 5
0
6553.5
0
65535
19
Z-Axis RMS Acceleration (G) 2, 5
0
65.535
0
65535
67
X-Axis RMS Acceleration (G) 2, 5
0
65.535
0
65535
24
Z-Axis Kurtosis 2, 6
0
65.535
0
65535
72
X-Axis Kurtosis 2, 6
0
65.535
0
65535
37
Z-Axis Crest Factor 2, 6
0
65.535
0
65535
69
X-Axis Crest Factor 2, 6
0
65.535
0
65535
17
Z-Axis Peak Velocity (in/sec) 1, 5
0
6.5535
0
65535
23
Z-Axis Peak Velocity (mm/sec) 1, 5
0
65.535
0
65535
65
X-Axis Peak Velocity (in/sec) 1, 5
0
6.5535
0
65535
71
X-Axis Peak Velocity (mm/sec) 1, 5
0
65.535
0
65535
22
Z-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
70
X-Axis RMS Velocity (mm/sec) 2, 5
0
65.535
0
65535
27
Full Bandwidth RMS Acceleration Z-Axis (G) 2, 6
0
65.535
0
65535
75
Full Bandwidth RMS Acceleration X-Axis (G) 2, 6
0
65.535
0
65535
28
Full Bandwidth Peak Acceleration Z-Axis (G) 2, 7
0
65.535
0
65535
76
Full Bandwidth Peak Acceleration X-Axis (G) 2, 7
0
65.535
0
65535
1 Value = Register value ÷ 10000
2 Value = Register value ÷ 1000
4 Value = Register value ÷ 10
5 Measurement bandwidth = 10 Hz to 1 kHz
6 Measurement bandwidth = 1 kHz to 4 kHz
7 Measurement Bandwidth = 10 Hz to 4 kHz
Sure Cross® Wireless Q45VTP Node
P/N 208637 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
5


Similar Part No. - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VR2 BANNER-Q45VR2 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV BANNER-Q45VR2CV Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4 BANNER-Q45VR2CV4 Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
Q45VR2CV4Q BANNER-Q45VR2CV4Q Datasheet
400Kb / 11P
   Q45VR2 Series Sensors
More results

Similar Description - Q45VTP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com