Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45UA Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q45UA
Description  Sure Cross짰 Wireless Q45UA Ultrasonic Node
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45UA Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q45UA Datasheet HTML 1Page - Banner Engineering Corp. Q45UA Datasheet HTML 2Page - Banner Engineering Corp. Q45UA Datasheet HTML 3Page - Banner Engineering Corp. Q45UA Datasheet HTML 4Page - Banner Engineering Corp. Q45UA Datasheet HTML 5Page - Banner Engineering Corp. Q45UA Datasheet HTML 6Page - Banner Engineering Corp. Q45UA Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Configuration Instructions
Button and LEDs
1
2
3
5
4
1
Button
2
Red LED (flashing) indicates a radio link error with the Gateway.
3
Green LED (flashing) indicates a good radio link with the Gateway.
4
Amber LED is not used.
5
DIP Switches
DIP Switches
After making any changes to any DIP switch position, reboot the Wireless Q45 Sensor by triple-clicking the button, waiting a
second, then double-clicking the button.
The DIP switches are in the OFF position. To turn a DIP switch on, push the switch toward the battery pack. DIP switches one
through four are numbered from left to right.
Description
DIP Switches
1
2
3
4
Transmit power: 1 Watt
OFF *
Transmit power: 250 mW (compatible with 150 mW radios)
ON
Sample/Report Rate: User configured (5 minutes by default)
OFF *
OFF *
Sample/Report Rate: 16 seconds
OFF
ON
Sample/Report Rate: 64 seconds
ON
OFF
Sample/Report Rate: Sample on Demand
ON
ON
Light mode: flash (recommended to conserve the battery) 1
OFF *
Light mode: solid
ON
* Default position
Transmit Power Levels
The 900 MHz radios transmit at 1 Watt (30 dBm) or 250 mW (24 dBm). While the Performance radios operate in 1 Watt mode, they
cannot communicate with the older 150 mW radios. To communicate with 150 mW radios, operate this radio in 250 mW mode. For
2.4 GHz models, this DIP switch is disabled. The transmit power for 2.4 GHz is fixed at about 65 mW EIRP (18 dBm), making the
2.4 GHz Performance models automatically compatible with older 2.4 GHz models.
Sample and Report Rates
The sample interval, or rate, defines how often the Sure Cross device samples the input. For battery-powered applications, setting
a slower rate extends the battery life.
The report rate defines how often the Node communicates the I/O status to the Gateway. For
FlexPower® applications, setting the
report rate to a slower rate extends the battery life.
What is Sampling on Demand?
Sample on Demand allows a host system to send a Modbus command to any register and require the Node's inputs to
immediately sample the sensor and report readings back to the host system. Sampling on demand can be used between the
normal periodic reporting.
To use the Sample on Demand feature requires using a host-controlled system capable of sending Modbus commands to the
Gateway.
1 The light consumes most of the sensor's power. If the light remains off most of the time, the batteries will last much longer. In flashing mode, the light can
be on for up to one year on a pair of batteries.
Sure Cross® Wireless Q45UA Ultrasonic Node
P/N 207212 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3


Similar Part No. - Q45UA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45U BANNER-Q45U Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UBB63BC BANNER-Q45UBB63BC Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UBB63BCQ BANNER-Q45UBB63BCQ Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UBB63BCQ6 BANNER-Q45UBB63BCQ6 Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UR BANNER-Q45UR Datasheet
357Kb / 10P
   Q45UR Remote Ultrasonic Sensors
More results

Similar Description - Q45UA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
K50U BANNER-K50U Datasheet
806Kb / 6P
   Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com