Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45UA Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # Q45UA
Description  Sure Cross짰 Wireless Q45UA Ultrasonic Node
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45UA Datasheet(HTML) 6 Page - Banner Engineering Corp.

  Q45UA Datasheet HTML 1Page - Banner Engineering Corp. Q45UA Datasheet HTML 2Page - Banner Engineering Corp. Q45UA Datasheet HTML 3Page - Banner Engineering Corp. Q45UA Datasheet HTML 4Page - Banner Engineering Corp. Q45UA Datasheet HTML 5Page - Banner Engineering Corp. Q45UA Datasheet HTML 6Page - Banner Engineering Corp. Q45UA Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications for the Q45UA Node
Ultrasonic Performance
Sensing range: 300 mm to 3 m (11.8 in to 118 in)
Ultrasonic frequency: 114 kHz
Temperature effect: 0.02% of distance/°C
Resolution: 0.1% of distance (1.5 mm minimum)
Construction
Molded reinforced thermoplastic polyester housing, oring-sealed
transparent Lexan® cover, molded acrylic lenses, and stainless steel
hardware. Q45s are designed to withstand 1200 psi washdown.
Default Sensing Interval
5 minutes
Typical Battery Life
See chart.
Indicators
Red and green LEDs (radio function)
Environmental Specifications
Operating Conditions
–40 °C to +70 °C (–40 °F to +158 °F); 90% at +50 °C maximum relative
humidity (non-condensing)
Radiated Immunity: 10 V/m (EN 61000-4-3)
Environmental Rating
NEMA 6P, IEC IP67
Operating the devices at the maximum operating conditions for
extended periods can shorten the life of the device.
Performance Curves
With Plate Target (Typical)
With Rod Target (Typical)
Maximum Target Rotation Angle
400 mm
300 mm
200 mm
100 mm
0
0
600 mm
(24")
1200 mm
(48")
1800 mm
(72")
2400 mm
(96")
3000 mm
(120")
100 mm
200 mm
300 mm
400 mm
16"
12"
8"
4"
0
4"
8"
12"
16"
DISTANCE
100 x 100 mm
400 mm
300 mm
200 mm
100 mm
0
0
600 mm
(24")
1200 mm
(48")
1800 mm
(72")
2400 mm
(96")
3000 mm
(120")
DISTANCE
100 mm
200 mm
300 mm
400 mm
16"
12"
8"
4"
0
4"
8"
12"
16"
25 mm Rod
10 mm Rod
20
30
10
0
0
500 mm
(20")
1000 mm
(40")
1500 mm
(60")
2000 mm
(80")
2500 mm
(100")
3000 mm
(120")
DISTANCE
10
20
30
Battery Life
0
1
Sample and Report Rate (minutes)
2
3
4
5
6
900 MHz
2.4 GHz
0
10
20
30
40
50
60
70
Sure Cross® Wireless Q45UA Ultrasonic Node
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 207212 Rev. B


Similar Part No. - Q45UA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45U BANNER-Q45U Datasheet
437Kb / 7P
Q45U Long-Range Ultrasonic Sensors
Q45UBB63BC BANNER-Q45UBB63BC Datasheet
437Kb / 7P
Q45U Long-Range Ultrasonic Sensors
Q45UBB63BCQ BANNER-Q45UBB63BCQ Datasheet
437Kb / 7P
Q45U Long-Range Ultrasonic Sensors
Q45UBB63BCQ6 BANNER-Q45UBB63BCQ6 Datasheet
437Kb / 7P
Q45U Long-Range Ultrasonic Sensors
Q45UR BANNER-Q45UR Datasheet
357Kb / 10P
Q45UR Remote Ultrasonic Sensors
More results

Similar Description - Q45UA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com