Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q45UA Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # Q45UA
Description  Sure Cross짰 Wireless Q45UA Ultrasonic Node
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45UA Datasheet(HTML) 5 Page - Banner Engineering Corp.

  Q45UA Datasheet HTML 1Page - Banner Engineering Corp. Q45UA Datasheet HTML 2Page - Banner Engineering Corp. Q45UA Datasheet HTML 3Page - Banner Engineering Corp. Q45UA Datasheet HTML 4Page - Banner Engineering Corp. Q45UA Datasheet HTML 5Page - Banner Engineering Corp. Q45UA Datasheet HTML 6Page - Banner Engineering Corp. Q45UA Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5. Enter binding mode on the Q45 by triple-clicking the power/binding button.
The red and green LEDs flash alternately and the sensor searches for a Gateway in binding mode. After the Q45 binds, the
LEDs stay solid momentarily, then they flash together four times. The Q45 exits binding mode.
6. Label the sensor with the Q45's Node address number for future reference.
7. Click BACK on DXM to exit binding for that specific Node address.
8. Repeat steps 3 through 7 changing the Node address for as many Q45s as are needed for your network.
9. Click BACK on DXM until back to the main menu when finished binding.
Modbus Registers
I/O #
Modbus Holding Register
I/O Type *
I/O Range
Holding Register
Representation
Gateway
Any Node
Min.
Max.
Min.
Max.
1
1
1 + (Node# × 16)
Distance (mm)
0
65535
0
65535
2
2
2 + (Node# × 16)
Temp °C
-1638.4
1638.3
-32768
32767
3
3
3 + (Node# × 16)
Temp °F
-1636.4
1638.3
-32768
32767
4
4
4 + (Node# × 16)
Distance (in)
0
655.35
0
65535
5
5
5 + (Node# × 16)
6
6
6 + (Node# × 16)
7
7
7 + (Node# × 16)
Reserved
8
8
8 + (Node# × 16)
Device Message
9
9
9 + (Node# × 16)
Discrete OUT 1: Red Light
0
1
0
1
10
10
10 + (Node# × 16)
Discrete OUT 2: Yellow Light
0
1
0
1
11
11
11 + (Node# × 16)
Discrete OUT 3: Green Light
0
1
0
1
12
12
12 + (Node# × 16)
Discrete OUT 4: Blue Light
0
1
0
1
...
15
15
15 + (Node# × 16)
Control Message
16
16
16 + (Node# × 16)
Reserved
Distance readings below 250 mm (9.84 in) result in a register value of 0. If no reflection is received because the target is too far
away, the register value is an error value of 65535.
The temperature = (Modbus register value) ÷ 20. The distance (in) = (Modbus register value) ÷ 100.
Specifications
Performance Radio with Internal Antenna Specifications
Radio Range2
900 MHz, 1 Watt (Internal antenna): Up to 3.2 km (2 miles) with line of sight
2.4 GHz, 65 mW (Internal antenna): Up to 1000 m (3280 ft) with line of sight
Antenna Minimum Separation Distance
900 MHz, 150 mW and 250 mW: 2 m (6 ft)
900 MHz, 1 Watt: 4.57 m (15 ft)
2.4 GHz, 65 mW: 0.3 m (1 ft)
Radio Transmit Power
900 MHz, 1 Watt: 30 dBm (1 W) conducted (up to 36 dBm EIRP)
2.4 GHz, 65 mW: 18 dBm (65 mW) conducted, less than or equal to 20 dBm
(100 mW) EIRP
Spread Spectrum Technology
FHSS (Frequency Hopping Spread Spectrum)
900 MHz Compliance (1 Watt)
FCC ID UE3RM1809: This device complies with FCC Part 15, Subpart C,
15.247
IC: 7044A-RM1809
2.4 GHz Compliance
FCC ID UE300DX80-2400 - This device complies with FCC Part 15, Subpart
C, 15.247
ETSI EN 300 328: V1.8.1 (2012-06)
IC: 7044A-DX8024
Link Timeout
Gateway: Configurable via User Configuration Tool (UCT) software
Node: Defined by Gateway
Radiated Immunity HF
10 V/m (EN 61000-4-3)
2
Range depends on the environment and decreases significantly without line of sight. Always verify your wireless network's range by performing a Site Survey.
Sure Cross® Wireless Q45UA Ultrasonic Node
P/N 207212 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
5


Similar Part No. - Q45UA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45U BANNER-Q45U Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UBB63BC BANNER-Q45UBB63BC Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UBB63BCQ BANNER-Q45UBB63BCQ Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UBB63BCQ6 BANNER-Q45UBB63BCQ6 Datasheet
437Kb / 7P
   Q45U Long-Range Ultrasonic Sensors
Q45UR BANNER-Q45UR Datasheet
357Kb / 10P
   Q45UR Remote Ultrasonic Sensors
More results

Similar Description - Q45UA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
K50U BANNER-K50U Datasheet
806Kb / 6P
   Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
   Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com