Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N2X6S-P6 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # DX80N2X6S-P6
Description  Sure Cross Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N2X6S-P6 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  DX80N2X6S-P6 Datasheet HTML 1Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 2Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 3Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 4Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 5Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 6Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 7Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5-pin M12/Euro-style (male)
Pin
Wire Color
Description
1
4
5
3
2
1
Brown
10 to 30 V dc
2
White
3
Blue
dc common (GND)
4
Black
5
Gray
LED Behavior for the Nodes
Nodes do not sample inputs until they are communicating with the Gateway. The radios and antennas must be a minimum
distance apart to function properly. Recommended minimum distances are:
2.4 GHz 65 mW radios: 1 foot
900 MHz 150 mW and 250 mW radios: 6 feet
900 MHz 1 Watt radios: 15 feet
LED 1
LED 2
Node Status
Flashing green
Radio Link Ok
Flashing red
Flashing red
Device Error
Flashing red, 1 per 3 sec
No Radio Link
Sure Cross® User Configuration Tool
The User Configuration Tool (UCT) offers an easy way to link I/O points in your wireless network, view I/O register values,
and set system communication parameters when a host system is not part of the wireless network.
The User Configuration Tool (UCT) software runs on any computer with the Windows Vista, Windows 7, Windows 8, or
Windows 10 operating system.
Use a USB to RS-485 adapter cable to connect a standalone DX80 Gateway to the
computer. For DXM Controllers with an internal DX80 radio, connect a computer to
the DXM Controller using a USB or Ethernet connection. Download the most recent
revisions of the UCT software from Banner Engineering's website: http://
www.bannerengineering.com/wireless.
The USB to RS-485 adapter cable is not required for the DXM Controller. For
standalone DX80 Gateway devices use:
USB to RS-485 adapter cable model BWA-UCT-900 for 1 Watt radios
USB to RS-485 adapter cable model BWA-HW-006 for all other radios
Installing Your Sure Cross® Radios
Please refer to one of the following instruction manuals for details about successfully installing your wireless network
components.
DX80 and Performance Wireless I/O Network Instruction Manual: 132607
Holding Registers
I/O
Point
Modbus Registers
EIP Registers
I/O Type
Gateway
Any Node
1
1
1 + (Node# × 16)
0 + (Node# × 8)
Instance 100 / N7
Input 1
2
2
2 + (Node# × 16)
1 + (Node# × 8)
Input 2
3
3
3 + (Node# × 16)
2 + (Node# × 8)
Input 3
4
4
4 + (Node# × 16)
3 + (Node# × 8)
Input 4
5
5
5 + (Node# × 16)
4 + (Node# × 8)
Input 5
6
6
6 + (Node# × 16)
5 + (Node# × 8)
Input 6
Sure Cross® Performance Node
P/N 157189 Rev. I
www.bannerengineering.com - Tel: +1-763-544-3164
5


Similar Part No. - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N2X1W-P6L BANNER-DX80N2X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
More results

Similar Description - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
logo
Taoglas antenna solutio...
AGPSF.36C.07.0100C TAOGLAS-AGPSF.36C.07.0100C Datasheet
1Mb / 23P
   Taoglas Sure Technology
logo
Festo Corporation.
570038 FESTO-570038 Datasheet
80Kb / 2P
   Bus node
2735960 FESTO-2735960 Datasheet
90Kb / 2P
   Bus node
8087559 FESTO-8087559 Datasheet
70Kb / 2P
   Bus node
572555 FESTO-572555 Datasheet
78Kb / 2P
   Bus node
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com