Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N2X6S-P6 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # DX80N2X6S-P6
Description  Sure Cross Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N2X6S-P6 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  DX80N2X6S-P6 Datasheet HTML 1Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 2Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 3Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 4Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 5Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 6Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 7Page - Banner Engineering Corp. DX80N2X6S-P6 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Device Settings
Switches
1
2
3
4
5
6
7
8
Sample/Report Rates: 5 seconds 1
ON
OFF
ON
Sample/Report Rates: sample on demand
ON
ON
OFF
Modbus/User Configuration Tool (UCT) or DIP Switch Configured
In Modbus/UCT Configured mode, the device parameters are changed using the User Configuration Tool (UCT) or a Modbus
command. All DIP switch positions are ignored. In DIP Switch Configured mode, use the DIP switches to configure the
parameters listed in the table.
Sample and Report Rates
The sample interval, or rate, defines how often the Sure Cross device samples the input. For battery-powered applications,
setting a slower rate extends the battery life.
The report rate defines how often the Node communicates the I/O status to the Gateway. Change of state reporting sets
the system to report only when the value crosses the threshold setting. For FlexPower® applications, setting the report
rate to a slower rate extends the battery life.
Transmit Power Levels
The 900 MHz radios can be operated at 1 watt (30 dBm) or 250 mW (24 dBm). While the Performance radios operate in 1
Watt mode, they cannot communicate with the older 150 mW radios. To communicate with the older 150 mW radios,
operate this radio in 250 mW mode. For 2.4 GHz models, this DIP switch is disabled. The transmit power for 2.4 GHz is
fixed at about 65 mW EIRP (18 dBm), making the 2.4 GHz Performance models automatically compatible with older 2.4
GHz models.
Wiring Your Sure Cross® Device
Use the following wiring diagrams to first wire the sensors and then apply power to the Sure Cross devices.
Control Drawings
Refer to the Class I Division 2/Zone 2 control drawings (p/n 143086) for wiring specifications or limitations.
5-Pin M12/Euro-style Female Quick Disconnect
This female quick disconnect fitting interfaces with a 1-wire serial sensor. The following information defines the wires and
the appropriate connection points in the Sure Cross radio.
5-pin M12/Euro-style Female Quick
Disconnect
Pin
Wire Color
Description
2
3
4
1
5
1
Brown
Power out + (to sensor)
2
White
Device select
3
Blue
dc common (GND)
4
Black
Device output
5
Gray
Serial comms
5-Pin M12/Euro-Style Male Quick Disconnect
Integral 5-pin M12/Euro-style male quick disconnect (QD)s are wired for 10 to 30 V dc power as shown.
1 Recommended setting for 10–30 V dc powered devices.
Sure Cross® Performance Node
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 157189 Rev. I


Similar Part No. - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N2X1W-P6L BANNER-DX80N2X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
More results

Similar Description - DX80N2X6S-P6

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
Superior Cross Modulation Performance
logo
Taoglas antenna solutio...
AGPSF.36C.07.0100C TAOGLAS-AGPSF.36C.07.0100C Datasheet
1Mb / 23P
Taoglas Sure Technology
logo
Festo Corporation.
570038 FESTO-570038 Datasheet
80Kb / 2P
Bus node
2735960 FESTO-2735960 Datasheet
90Kb / 2P
Bus node
8087559 FESTO-8087559 Datasheet
70Kb / 2P
Bus node
572555 FESTO-572555 Datasheet
78Kb / 2P
Bus node
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com