Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N9X1W-P6L Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # DX80N9X1W-P6L
Description  Sure Cross짰 Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N9X1W-P6L Datasheet(HTML) 3 Page - Banner Engineering Corp.

  DX80N9X1W-P6L Datasheet HTML 1Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 2Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 3Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 4Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 5Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 6Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 7Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3. Refer to the wiring diagrams to apply power to all devices.
For housed models, the Gateway's LED 1 is solid green and the Node's LED 2 flashes red to indicate there is no radio
link to the Gateway.
For board-level models, the Gateway's LED is solid green and the Node's LED flashes red to indicate there is no radio
link to the Gateway.
4. Form the wireless network by binding the Nodes to the Gateway. If the binding instructions are not included in the
datasheet, refer to the product manual for binding instructions.
5. Observe the LED behavior to verify the devices are communicating with each other.
For housed models, the Gateway's LED 1 is solid green and the Node's LED 1 flashes green to indicate it is
communicating with the Gateway.
For board-level models, the Gateway's LED is solid green and the Node's LED flashes green to indicate it is
communicating with the Gateway.
6. Configure any I/O points to use the sensors connected to the Sure Cross devices.
7. Conduct a site survey between the Gateway and Nodes. If the site survey instructions are not included in this datasheet,
refer to the product manual for detailed site survey instructions.
8. Install your wireless sensor network components. If installation instructions are not included in this datasheet, refer to the
product manual for detailed installation instructions.
For additional information, including installation and setup, weatherproofing, device menu maps, troubleshooting, and a list of
accessories, refer to one of the following product manuals.
Sure Cross® Quick Start Guide:
128185
Sure Cross® Wireless I/O Network Instruction Manual:
132607
Web Configurator Instruction Manual (used with "Pro" and DX83 models):
134421
Host Controller Systems Instruction Manual:
132114
Configure the DIP Switches
Before changing DIP switch positions, disconnect the power. For devices with batteries integrated into the housing, remove the
battery(ies) for at least one minute. DIP switch changes are not recognized until after power is cycled to the device.
For parameters not set via DIP switches, use the User Configuration Tool (UCT) to make configuration changes. For parameters set
using the DIP switches, the DIP switch positions override any changes made using the User Configuration Tool.
Accessing the Internal DIP Switches
To access the internal DIP switches, follow these steps:
1. Unscrew the four screws that mount the cover to the bottom housing.
2. Remove the cover from the housing without damaging the ribbon cable or the pins the cable plugs into.
3. Gently unplug the ribbon cable from the board mounted into the bottom housing. For integrated battery models (no ribbon
cable) and Class I, Division 2 certified devices (ribbon cable is glued down), skip this step.
4. Remove the black cover plate from the bottom of the device's cover.
The DIP switches are located behind the rotary dials.
After making the necessary changes to the DIP switches, place the black cover plate back into position
and gently push into place. Plug the ribbon cable in after verifying that the blocked hole lines up with
the missing pin. Mount the cover back onto the housing.
DIP Switch Settings
These DIP switch settings are available with radio firmware versions 5.3 and higher.
Device Settings
Switches
1
2
3
4
5
6
7
8
Transmit power level: 1 Watt (30 dBm) (default)
OFF
Transmit power level: 250 mW (24 dBm), DX80 compatibility
mode
ON
Modbus or UCT configured (overrides DIP switches 3-8)
(default)
OFF
DIP switch configured
ON
Sensor 1: 6 registers (default)
OFF
OFF
OFF
Sure Cross® Performance Node
P/N 204221 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
3


Similar Part No. - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
More results

Similar Description - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com