Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N9X1W-P6L Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # DX80N9X1W-P6L
Description  Sure Cross짰 Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N9X1W-P6L Datasheet(HTML) 2 Page - Banner Engineering Corp.

  DX80N9X1W-P6L Datasheet HTML 1Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 2Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 3Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 4Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 5Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 6Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 7Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
General Operation
For the first five minutes after powering up, the Node operates in fast sample mode, sampling and sending data every two
seconds. After five minutes, the Node defaults to five minute sample intervals and the LCD turns off to save power, which is ideal
for the battery-powered models. Use the DIP switches or the User Configuration Tool (UCT) software to set the sample rate.
To activate fast sample mode, single-click button 1. LED 2 is on (amber) during the fast sample mode. To exit fast sample mode
and turn off the LCD, click button 2 five times.
Sensors with a Serial Interface
The following sensors are designed to be used with any of the 1-Wire Serial Interface Nodes.
K50UX1RA
U-GAGE Ultrasonic Sensor with 1-
wire serial interface
Datasheet:
191599
M12FTH4Q
Temperature and Humidity Sensor,
±2% Accuracy, 1-wire serial
interface
(Requires a 5-pin threaded M12/
Euro-style double-ended cordset
less than 3 meters long, such as
model DEE2R-5
xD.)
Datasheet:
162669
M12FT4Q
Temperature Sensor with 1-wire
serial interface
(Requires a 5-pin threaded M12/
Euro-style double-ended cordset
less than 3 meters long, such as
model DEE2R-5
xD.)
Datasheet:
162669
QM42VT1
Vibration and temperature sensor
with 1-wire serial interface
Detects dual-axis vibration
Zinc alloy housing
3 m cable with a 5-pin M12/Euro-
style male quick disconnect (QD)
Datasheet:
186209
QM42VT1QP
Vibration and temperature sensor
with 1-wire serial interface
Detects dual-axis vibration
Zinc alloy housing
150 mm (6 in) PVC cable with a 5-
pin M12/Euro-style male quick
disconnect (QD)
Datasheet:
186209
QS30WEQ
WORLD-BEAM Photoelectric
Emitter, QS30 (Max Range: 100
feet, 10x excess gain at 50 feet), 1-
wire serial interface
Datasheet:
140987
QS30WRQ
WORLD-BEAM Photoelectric
Receiver, QS30 (Max Range: 100
feet, 10x excess gain at 50 feet), 1-
wire serial interface
Datasheet:
140987
Configuration Instructions
Setting Up Your Wireless Network
To set up and install your wireless network, follow these steps.
Disconnect the power from your Sure Cross devices.
1. Configure the DIP switches of all devices.
2. If your device has I/O, connect the sensors to the Sure Cross devices. If your device does not have I/O, skip this step.
Sure Cross® Performance Node
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 204221 Rev. A


Similar Part No. - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
More results

Similar Description - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com