Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N9X1W-P6L Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # DX80N9X1W-P6L
Description  Sure Cross짰 Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N9X1W-P6L Datasheet(HTML) 6 Page - Banner Engineering Corp.

  DX80N9X1W-P6L Datasheet HTML 1Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 2Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 3Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 4Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 5Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 6Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 7Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Sure Cross® User Configuration Tool
The User Configuration Tool (UCT) offers an easy way to link I/O points in your wireless network, view I/O register values, and set
system communication parameters when a host system is not part of the wireless network. The software runs on any computer
with the Windows Vista, Windows 7, Windows 8, or Windows 10 operating system.
Use a USB to RS-485 adapter cable to connect a standalone DX80 Gateway to the
computer. For DXM Controllers with an internal DX80 radio, connect a computer to the
DXM Controller using a USB or Ethernet connection. Download the most recent revisions
of the UCT software from Banner Engineering's website:
www.bannerengineering.com/
wireless.
The USB to RS-485 adapter cable is not required for the DXM Controller. For standalone
DX80 Gateway devices use:
USB to RS-485 adapter cable model BWA-UCT-900 for 1 Watt radios
USB to RS-485 adapter cable model BWA-HW-006 for all other radios
Installing Your Sure Cross® Radios
Please refer to one of the following instruction manuals for details about successfully installing your wireless network components.
DX80 and Performance Wireless I/O Network Instruction Manual:
132607
Holding Registers
I/O
Point
Modbus Registers
EIP Registers
I/O Type
Gateway
Any Node
1
1
1 + (Node# × 16)
0 + (Node# × 8)
Instance 100 / N7
Sensor Data Input 1
2
2
2 + (Node# × 16)
1 + (Node# × 8)
Sensor Data Input 2
3
3
3 + (Node# × 16)
2 + (Node# × 8)
Sensor Data Input 3
4
4
4 + (Node# × 16)
3 + (Node# × 8)
Sensor Data Input 4
5
5
5 + (Node# × 16)
4 + (Node# × 8)
Sensor Data Input 5
6
6
6 + (Node# × 16)
5 + (Node# × 8)
Sensor Data Input 6
7
7
7 + (Node# × 16)
6 + (Node# × 8)
Reserved
8
8
8 + (Node# × 16)
7 + (Node# × 8)
Device Message
...
Instance 112 / N14
15
15
15 + (Node# × 16)
6 + (Node# × 8)
Control Message
16
16
16 + (Node# × 16)
7 + (Node# × 8)
Reserved
Installing or Replacing the Battery (DX80 Models)
To install or replace a lithium "D" cell battery in any integrated housing model, follow these steps.
1. Remove the four screws mounting the face plate to the housing and remove the face plate.
2. Remove the discharged battery (if applicable) by pressing the battery toward the negative terminal to compress the spring.
Pry up on the battery’s positive end to remove from the battery holder.
3. Install the new battery. Only use a 3.6 V lithium battery from Xeno, model number XL-205F.
4. Verify the battery’s positive and negative terminals align to the positive and negative terminals of the battery holder
mounted within the case. The negative end is toward the spring.
Caution: There is a risk of explosion if the battery is replaced incorrectly.
5. After installing the battery, allow up to 60 seconds for the device to power up.
6. Properly dispose of used batteries according to local regulations by taking it to a hazardous waste collection site, an e-
waste disposal center, or other facility qualified to accept lithium batteries.
Sure Cross® Performance Node
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 204221 Rev. A


Similar Part No. - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
More results

Similar Description - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com