Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N9X1W-P6L Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # DX80N9X1W-P6L
Description  Sure Cross짰 Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N9X1W-P6L Datasheet(HTML) 5 Page - Banner Engineering Corp.

  DX80N9X1W-P6L Datasheet HTML 1Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 2Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 3Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 4Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 5Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 6Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 7Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1. Enter binding mode on the Gateway.
For housed DX80 Gateways, triple-click the right-hand button. LEDs alternatively flash red.
For board level DX80 Gateways, triple-click the binding button. LED flashes green and red.
2. Use both of the Node's rotary dials to assign the Node Address defined in the Gateway's datasheet.
The left rotary dial represents the tens digit (0 through 4) and the right dial represents the ones digit (0 through 9) of the
Node Address.
3. To enter binding mode on the Node, triple-click button 2.
The Node enters binding mode and locates the Gateway in binding mode. The red LEDs flash alternately. The Node
automatically exits binding mode. After the Node is bound, the LEDs are both solid red for a few seconds. The Node cycles
its power, then enters Run mode.
4. Label the Node with the assigned address for future references.
5. Repeat steps 2 through 4 for all Nodes that need to communicate to this Gateway.
6. Exit binding mode on the Gateway by single-clicking either button 1 or button 2.
For Gateways with single line LCDs, after binding your Nodes to the Gateway, make note of the binding code displayed under the
Gateway's *DVCFG menu, XADR submenu on the LCD. Knowing the binding code prevents having to re-bind all Nodes if your
Gateway is ever replaced.
Bind a DX80 Node to a DXM Gateway and Assign the Node Address
Before beginning the binding procedure, apply power to all the devices. Separate radios by 2 meters when running binding
procedure. Put only one DXM Gateway into binding at a time to prevent binding to the wrong Gateway.
1. Enter binding mode on the DXM radio:
a) Use the arrow keys to select the ISM Radio menu on the LCD and click ENTER.
b) Highlight the Binding menu and click ENTER.
2. Assign the Node address to the Node.
For Nodes without rotary dials: Use the DXM arrow keys to select the Node address to assign to the DX80 Node about
to enter binding mode. The DXM assigns this Node address to the next Node that enters binding mode. Only bind one
Node at a time.
For Nodes with rotary dials: Use the Node's rotary dials to assign a valid decimal Node Address (between 01 and 47).
The left rotary dial represents the tens digit (0 through 4) and the right dial represents the ones digit (0 through 9) of the
Node Address.
3. Enter binding mode on the DX80 Node by triple-clicking the right-hand button.
The left and right red LEDs flash alternately and the Node searches for a Gateway in binding mode. After the Node binds,
the LEDs stay solid momentarily, then they flash together four times. The Node exits binding mode.
4. Label the Node with the assigned address number for future reference.
5. Click BACK on the DXM to exit binding for that specific Node address.
6. Repeat steps 2 through 5, for as many DX80 Nodes as are needed for your network.
7. When you are finished binding, click BACK on the DXM until you return to the main menu.
LED Behavior for the Nodes
Nodes do not sample inputs until they are communicating with the Gateway. The radios and antennas must be a minimum distance
apart to function properly. Recommended minimum distances are:
2.4 GHz 65 mW radios: 1 foot
900 MHz 150 mW and 250 mW radios: 6 feet
900 MHz 1 Watt radios: 15 feet
LED 1
LED 2
Node Status
Flashing green
Radio Link Ok
Flashing red
Flashing red
Device Error
Flashing red, 1 per 3 sec
No Radio Link
Sure Cross® Performance Node
P/N 204221 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
5


Similar Part No. - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
More results

Similar Description - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com