Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80N9X1W-P6L Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # DX80N9X1W-P6L
Description  Sure Cross짰 Performance Node
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80N9X1W-P6L Datasheet(HTML) 4 Page - Banner Engineering Corp.

  DX80N9X1W-P6L Datasheet HTML 1Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 2Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 3Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 4Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 5Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 6Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 7Page - Banner Engineering Corp. DX80N9X1W-P6L Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Device Settings
Switches
1
2
3
4
5
6
7
8
Sensor 1: 3 registers
OFF
OFF
ON
Sample/Report Rates: 5 minutes (default)
OFF
OFF
OFF
Sample/Report Rates: 2 minutes
OFF
OFF
ON
Sample/Report Rates: 1 minute
OFF
ON
OFF
Sample/Report Rates: 30 seconds
OFF
ON
ON
Sample/Report Rates: 10 seconds
ON
OFF
OFF
Sample/Report Rates: 5 seconds 1
ON
OFF
ON
Sample/Report Rates: sample on demand
ON
ON
OFF
Select Sensor 1: 3 registers when the sensor is only using inputs 1 through 3 to conserve battery life.
Modbus/User Configuration Tool (UCT) or DIP Switch Configured
In Modbus/UCT Configured mode, use the User Configuration Tool (UCT) or a Modbus command to change the device
parameters. DIP switch positions 3 through 8 are ignored. In DIP Switch Configured mode, use the DIP switches to configure the
parameters listed in the table.
Sample and Report Rates
The sample interval, or rate, defines how often the Sure Cross device samples the input. For battery-powered applications, setting
a slower rate extends the battery life.
The report rate defines how often the Node communicates the I/O status to the Gateway. For
FlexPower® applications, setting the
report rate to a slower rate extends the battery life.
Transmit Power Levels
The 900 MHz radios transmit at 1 Watt (30 dBm) or 250 mW (24 dBm). While the Performance radios operate in 1 Watt mode, they
cannot communicate with the older 150 mW radios. To communicate with 150 mW radios, operate this radio in 250 mW mode. For
2.4 GHz models, this DIP switch is disabled. The transmit power for 2.4 GHz is fixed at about 65 mW EIRP (18 dBm), making the
2.4 GHz Performance models automatically compatible with older 2.4 GHz models.
Wiring Your Sure Cross® Device
Use the following wiring diagrams to first wire the sensors and then apply power to the Sure Cross devices.
Control Drawings
Refer to the Class I Division 2/Zone 2 control drawings (p/n
143086) for wiring specifications or limitations.
5-Pin M12/Euro-style Female Quick Disconnect
This female quick disconnect fitting interfaces with a 1-wire serial sensor. The following information defines the wires and the
appropriate connection points in the Sure Cross radio.
5-pin M12/Euro-style Female Quick Disconnect
Pin
Wire Color
Description
2
3
4
1
5
1
Brown
Power out + (to sensor)
2
White
Device select
3
Blue
dc common (GND)
4
Black
Device output
5
Gray
Serial comms
Bind the DX80 Nodes to the DX80 Gateway and Assign the Node Address
Before beginning the binding procedure, apply power to all the devices. Separate radios by 2 meters when running binding
procedure. Put only one Gateway into binding at a time to prevent binding to the wrong Gateway.
1 Recommended setting for 10–30 V dc powered devices.
Sure Cross® Performance Node
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 204221 Rev. A


Similar Part No. - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
More results

Similar Description - DX80N9X1W-P6L

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com