Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1212628 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212628
Description  Toolbox - TOOL-CASE EMPTY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212628 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212628 Datasheet HTML 1Page - PHOENIX CONTACT 1212628 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212628
28.10.2013   Page 1 / 2
Toolbox - TOOL-CASE EMPTY - 1212628
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Tool case, empty, can be locked, with rubber straps to hold tools in place
Key commercial data
Packing unit
1 1
Custom tariff number
42029900
Country of origin
Poland
Technical data
Dimensions
Length (b)
510 mm
Height
270 mm
Width (a)
260 mm
Classifications
eCl@ss
eCl@ss 4.0
21100101
eCl@ss 4.1
21100101
eCl@ss 5.0
21100101
eCl@ss 5.1
21100101
eCl@ss 6.0
21049190
eCl@ss 7.0
21049190
eCl@ss 8.0
21049190
ETIM
ETIM 3.0
EC001186
ETIM 4.0
EC000181
ETIM 5.0
EC000181


Similar Part No. - 1212628

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212620 PHOENIX-1212620 Datasheet
43Kb / 2P
Crimping pliers - CRIMPFOX-TC MP-1
1212621 PHOENIX-1212621 Datasheet
50Kb / 2P
Cable-cutting tool - CUTFOX-ES
1212623 PHOENIX-1212623 Datasheet
57Kb / 2P
WIREFOX ... stripping pliers feature an automatic adjustment mechanism for a wide range of different types of insulation and conductor diameters
1212625 PHOENIX-1212625 Datasheet
51Kb / 2P
Tool - UNIFOX-HP
09/11/2020
1212629 PHOENIX-1212629 Datasheet
85Kb / 7P
Toolbox - TOOL-CASE
More results

Similar Description - 1212628

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4989 STMICROELECTRONICS-AN4989 Datasheet
5Mb / 99P
STM32 microcontroller debug toolbox
June 2017 Rev 2
logo
PHOENIX CONTACT
1207394 PHOENIX-1207394 Datasheet
47Kb / 2P
Tool set - TOOLBOX
1212423 PHOENIX-1212423 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-KIT STANDARD EMPTY
1212428 PHOENIX-1212428 Datasheet
80Kb / 7P
Toolbox - TOOL-CASE BASIC
1212499 PHOENIX-1212499 Datasheet
45Kb / 2P
Tool bag - TOOL-CARRIER EMPTY
1212500 PHOENIX-1212500 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-BAG EMPTY
1212501 PHOENIX-1212501 Datasheet
44Kb / 2P
Tool bag - TOOL-WRAP EMPTY
1212502 PHOENIX-1212502 Datasheet
48Kb / 2P
Tool bag, unequipped - TOOL-BELTPOUCH EMPTY
1212629 PHOENIX-1212629 Datasheet
85Kb / 7P
Toolbox - TOOL-CASE
3202957 PHOENIX-3202957 Datasheet
39Kb / 2P
Spare knife - CF 3000 TOOL CASE AB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com