Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12FTH3Q Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # M12FTH3Q
Description  Sure Cross짰 Temperature and Humidity Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

M12FTH3Q Datasheet(HTML) 3 Page - Banner Engineering Corp.

  M12FTH3Q Datasheet HTML 1Page - Banner Engineering Corp. M12FTH3Q Datasheet HTML 2Page - Banner Engineering Corp. M12FTH3Q Datasheet HTML 3Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Environmental
Rating
IEC IP67; NEM A 6
Operating Temperature
–40 °C t o +85 °C (–40 °F t o +185 °F)
Shock and
Vibration
IEC 68-2-6 and IEC 68-2-27
Shock: 30g, 11 millisecond half sine wave, 18 shocks
Vibration: 0.5 mm p-p, 10 to 60 Hz
Certifications
CSA: Class I, Division 2, Groups A, B, C, D —
Certificate 1921239
Refer t o t he Class I Division 2 cont rol drawings (p/ n
143086) for wiring
specifications or limitations. All battery-powered devices must only use the
lit hium
battery manufactured by Xeno, model XL-205F.
Accessories
Temperature-Humidity Filter Caps
FTH-FIL-001
Aluminum grill
filter cap
(fact ory default , ships wit h
M 12FT* Q sensors)
FTH-FIL-002
St ainless st eel, sint ered t o
10 micromet er porosit y (for
high dust environment s.)
5-Pin Euro-Style Cordsets
5-Pin Threaded M 12/ Euro-Style Cordsets—Single Ended
M odel
Length
Style
Dimensions
Pinout (Female)
M QDC1-501.5
0.50 m (1.5
ft)
St raight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = Whit e
3 = Blue
4 = Black
5 = Gray
M QDC1-506
1.83 m (6
ft)
M QDC1-515
4.57 m (15
ft)
M QDC1-530
9.14 m (30
ft)
M QDC1-506RA
1.83 m (6
ft)
Right -Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
M QDC1-515RA
4.57 m (15
ft)
M QDC1-530RA
9.14 m (30
ft)
Banner Engineering Corp. Limited W arranty
Banner Engineering Corp. warrant s it s product s t o be free from defect s in mat erial and workmanship for one year following t he dat e of shipment . Banner Engineering Corp. will repair or
replace, free of charge, any product of it s manufact ure which, at t he
time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover
damage or liabilit y for misuse, abuse, or t he improper
application or installation of the Banner product.
THIS LIM ITED W ARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER W ARRANTIES W HETHER EXPRESS OR IM PLIED (INCLUDING, W ITHOUT LIM ITATION, ANY W ARRANTY OF
M ERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND W HETHER ARISING UNDER COURSE OF PERFORM ANCE, COURSE OF DEALING OR TRADE USAGE.
This Warrant y is exclusive and limit ed t o repair or, at t he
discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALLBANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY
OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAM AGES RESULTING FROM ANY PRODUCT
DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, W HETHER ARISING IN CONTRACT OR W ARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERW ISE.
Banner Engineering Corp. reserves t he right t o change, modify or improve t he design of t he product wit hout assuming any
obligations or liabilities relating to any product previously
manufact ured by Banner Engineering Corp. Any misuse, abuse, or improper
application or installation of this product or use of the product for personal protection applications when the
product is
identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the
product
warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time.
Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
Sure Cross® Temperat ure and Humidit y Sensor
© Banner Engineering Corp. All rights reserved


Similar Part No. - M12FTH3Q

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M12FTH3Q BANNER-M12FTH3Q Datasheet
806Kb / 6P
   U-GAGE K50U Ultrasonic Sensor
M12FTH3Q BANNER-M12FTH3Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
More results

Similar Description - M12FTH3Q

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
Q45VA BANNER-Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
   Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com