Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 71 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 71 Page - Epson Company

Back Button S1D13505 Datasheet HTML 67Page - Epson Company S1D13505 Datasheet HTML 68Page - Epson Company S1D13505 Datasheet HTML 69Page - Epson Company S1D13505 Datasheet HTML 70Page - Epson Company S1D13505 Datasheet HTML 71Page - Epson Company S1D13505 Datasheet HTML 72Page - Epson Company S1D13505 Datasheet HTML 73Page - Epson Company S1D13505 Datasheet HTML 74Page - Epson Company S1D13505 Datasheet HTML 75Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 565 page
background image
Page 66
Epson Research and Development
Vancouver Design Center
S1D13505
Hardware Functional Specification
X23A-A-001-14
Issue Date: 01/02/02
7.3.2 EDO-DRAM CAS Before RAS Refresh Timing
Figure 7-16: EDO-DRAM CAS Before RAS Refresh Timing
Table 7-16: EDO-DRAM CAS Before RAS Refresh Timing
Symbol
Parameter
Min
Max
Units
t1
Internal memory clock period
25
ns
t2
RAS# precharge time (REG[22h] bits 3-2 = 00)
2t1 - 3
ns
RAS# precharge time (REG[22h] bits 3-2 = 01)
1.45t1 - 3
ns
RAS# precharge time (REG[22h] bits 3-2 = 10)
1t1 - 3
ns
t3
RAS# pulse width (REG[22h] bit 6-5 = 00 and bits 3-2
= 00)
3 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 00 and bits 3-2
= 01)
3.45 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 00 and bits 3-2
= 10)
4 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 01 and bits 3-2
= 00)
2 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 01 and bits 3-2
= 01)
2.45 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 01 and bits 3-2
= 10)
3 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 10 and bits 3-2
= 00)
1 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 10 and bits 3-2
= 01)
1.45 t1 - 3
ns
RAS# pulse width (REG[22h] bit 6-5 = 10 and bits 3-2
= 10)
2 t1 - 3
ns
t4
CAS# pulse width
t2
ns
t5
CAS# setup time (REG[22h] bits 3-2 = 00 or 10)
0.45 t1 - 3
ns
CAS# setup time (REG[22h] bits 3-2 = 01)
1 t1 - 3
ns
RAS#
CAS#
t2
t3
t1
Memory
Clock
t4
t5
t6


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
   Color Graphics LCD/CRT Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com