Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 62 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 62 Page - Epson Company

Back Button S1D13505 Datasheet HTML 58Page - Epson Company S1D13505 Datasheet HTML 59Page - Epson Company S1D13505 Datasheet HTML 60Page - Epson Company S1D13505 Datasheet HTML 61Page - Epson Company S1D13505 Datasheet HTML 62Page - Epson Company S1D13505 Datasheet HTML 63Page - Epson Company S1D13505 Datasheet HTML 64Page - Epson Company S1D13505 Datasheet HTML 65Page - Epson Company S1D13505 Datasheet HTML 66Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 565 page
background image
Epson Research and Development
Page 57
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
1.
If the S1D13505 host interface is disabled, the timing for -CARDxWAIT driven is relative to
the falling edge of chip select or the second positive edge of DCLKOUT after ADDR[12:0]
becomes valid, whichever one is later.
2.
If the S1D13505 host interface is disabled, the timing for D[31:16] driven is relative to the
falling edge of chip select or the second positive edge of DCLKOUT after ADDR[12:0] be-
comes valid, whichever one is later.
Note
The Philips interface has different clock input requirements as follows:
Figure 7-9: Clock Input Requirement
Table 7-8: Philips Timing
3.0V
5.0V
Symbol
Parameter
Min
Max
Min
Max
Units
t1
Clock period
13.3
13.3
ns
t2
Clock pulse width low
66
ns
t3
Clock pulse width high
66
ns
t4
ADDR[12:0] setup to first CLK of cycle
10
10
ns
t5
ADDR[12:0] hold from command invalid
00
ns
t6
ADDR[12:0] setup to falling edge ALE
10
10
ns
t7
ADDR[12:0] hold from falling edge ALE
55
ns
t8
-CARDREG hold from command invalid
00
ns
t91
Falling edge of chip select to -CARDxWAIT driven
0150
9
ns
t10
Command invalid to -CARDxWAIT tri-state
5
25
2.5
10
ns
t11
D[31:16] valid to first CLK of cycle (write cycle)
10
10
ns
t12
D[31:16] hold from rising edge of -CARDxWAIT
00
t132
Chip select to D[31:16] driven (read cycle)
11
ns
t14
D[31:16] setup to rising edge -CARDxWAIT (read cycle)
00
ns
t15
Command invalid to D[31:16] tri-state (read cycle)
5
25
2.5
10
ns
Table 7-9: Clock Input Requirements for BUSCLK using Philips local bus
Symbol
Parameter
Min
Max
Units
T
OSC
Input Clock Period)
13.3
ns
t
PWH
Input Clock Pulse Width High
6ns
t
PWL
Input Clock Pulse Width Low
6ns
t
f
Input Clock Fall Time (10% - 90%)
5ns
t
r
Input Clock Rise Time (10% - 90%)
5ns
t
PWL
t
PWH
t
f
tr
T
OSC
V
IH
VIL
10%
90%


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
8051 Embedded CRT Monitor Controller MASK Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com