Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 54 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 54 Page - Epson Company

Back Button S1D13505 Datasheet HTML 50Page - Epson Company S1D13505 Datasheet HTML 51Page - Epson Company S1D13505 Datasheet HTML 52Page - Epson Company S1D13505 Datasheet HTML 53Page - Epson Company S1D13505 Datasheet HTML 54Page - Epson Company S1D13505 Datasheet HTML 55Page - Epson Company S1D13505 Datasheet HTML 56Page - Epson Company S1D13505 Datasheet HTML 57Page - Epson Company S1D13505 Datasheet HTML 58Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 565 page
background image
Epson Research and Development
Page 49
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
1.
If the S1D13505 host interface is disabled, the timing for DSACK1# driven high is relative to
the falling edge of CS#, AS# or the first positive edge of CLK after A[20:0], M/R# becomes
valid, whichever one is later.
2.
If the S1D13505 host interface is disabled, the timing for D[31:16] driven is relative to the
falling edge of UDS#, LDS# or the first positive edge of CLK after A[20:0], M/R# becomes
valid, whichever one is later.
Table 7-4: MC68030 Timing
3.0V
5.0V
Symbol
Parameter
Min
Max
Min
Max
Units
t1
Clock period
20
20
ns
t2
Clock pulse width high
66
ns
t3
Clock pulse width low
66
ns
t4
A[20:0], SIZ[1:0], M/R# setup to first CLK where CS# = 0 AS# =
0, and either UDS#=0 or LDS# = 0
10
10
ns
t5
A[20:0], SIZ[1:0], M/R# hold from AS#
00
ns
t6
CS# hold from AS#
00
ns
t7
R/W# setup to DS#
10
10
ns
t8
R/W# hold from AS#
00
ns
t91
AS# = 0 and CS# = 0 to DSACK1# driven high
00
ns
t10
AS# high to DSACK1# high
318312
ns
t11
First BCLK where AS# = 1 to DSACK1# high impedance
5
25
2.5
10
ns
t12
D[31:16] valid to third CLK where CS# = 0 AS# = 0, and either
UDS#=0 or LDS# = 0 (write cycle)
10
10
ns
t13
D[31:16] hold from falling edge of DSACK1# (write cycle)
00
ns
t142
Falling edge of UDS#=0 or LDS# = 0 to D[31:16] driven (read
cycle)
00
ns
t15
D[31:16] valid to DSACK1# falling edge (read cycle)
00
ns
t16
UDS# and LDS# high to D[31:16] invalid/high impedance (read
cycle)
5
25
2.5
10
ns
t17
AS# high setup to CLK
22
ns


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
   Color Graphics LCD/CRT Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com