Electronic Components Datasheet Search |
|
S1D13505 Datasheet(PDF) 45 Page - Epson Company |
|
|
S1D13505 Datasheet(HTML) 45 Page - Epson Company |
45 / 565 page Page 40 Epson Research and Development Vancouver Design Center S1D13505 Hardware Functional Specification X23A-A-001-14 Issue Date: 01/02/02 Table 6-4: Electrical Characteristics for VDD = 3.3V typical Symbol Parameter Condition Min Typ Max Units IDDS Quiescent Current Quiescent Conditions 290 uA IIZ Input Leakage Current -1 1 µA IOZ Output Leakage Current -1 1 µA VOH High Level Output Voltage VDD = min IOL = -2mA (Type1), -4mA (Type2) -6mA (Type3) VDD - 0.3 V VOL Low Level Output Voltage VDD = min IOL = 2mA (Type1), 4mA (Type2) 6mA (Type3) 0.3 V VIH High Level Input Voltage CMOS level, VDD = max 2.2 V VIL Low Level Input Voltage CMOS level, VDD = min 0.8 V VT+ High Level Input Voltage CMOS Schmitt, VDD = 3.3V 2.4 V VT- Low Level Input Voltage CMOS Schmitt, VDD = 3.3V 0.6 V VH1 Hysteresis Voltage CMOS Schmitt, VDD = 3.3V 0.1 V RPD Pull Down Resistance VI = VDD 90 180 360 k Ω CI Input Pin Capacitance 12 pF CO Output Pin Capacitance 12 pF CIO Bi-Directional Pin Capacitance 12 pF |
Similar Part No. - S1D13505 |
|
Similar Description - S1D13505 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |