Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 38 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 38 Page - Epson Company

Back Button S1D13505 Datasheet HTML 34Page - Epson Company S1D13505 Datasheet HTML 35Page - Epson Company S1D13505 Datasheet HTML 36Page - Epson Company S1D13505 Datasheet HTML 37Page - Epson Company S1D13505 Datasheet HTML 38Page - Epson Company S1D13505 Datasheet HTML 39Page - Epson Company S1D13505 Datasheet HTML 40Page - Epson Company S1D13505 Datasheet HTML 41Page - Epson Company S1D13505 Datasheet HTML 42Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 565 page
background image
Epson Research and Development
Page 33
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
5.3 Summary of Configuration Options
Table 5-5: Summary of Power On/Reset Options
Pin Name
value on this pin at rising edge of RESET# is used to configure:
(1/0)
10
MD0
8-bit host bus interface
16-bit host bus interface
MD[3:1]
Select host bus interface:MD[11] = 0:
000 = SH-3/SH-4 bus interface
001 = MC68K Bus 1
010 = MC68K Bus 2
011 = Generic
100 = Reserved
101 = MIPS/ISA
110 = PowerPC
111 = PC Card (when MD11 = 1 Philips PR31500/PR31700 or Toshiba TX3912 Bus)
MD4
Little Endian
Big Endian
MD5
WAIT# is active high (1 = insert wait state)
WAIT# is active low (0 = insert wait state)
MD[7:6]
Memory Address/GPIO configuration:
00 = symmetrical 256K
×16 DRAM. MA[8:0] = DRAM address. MA[11:9] = GPIO2,1,3 pins.
01 = symmetrical 1M
×16 DRAM. MA[9:0] = DRAM address. MA[10:11] = GPIO2,1 pins.
10 = asymmetrical 256K
×16 DRAM. MA[9:0] = DRAM address. MA[10:11] = GPIO2,1 pins.
11 = asymmetrical 1M
×16 DRAM. MA[11:0] = DRAM address.
MD8
Not used
MD9
SUSPEND# pin configured as GPO output
SUSPEND# pin configured as SUSPEND# input
MD10
Active low LCDPWR polarity or
active high GPO polarity
Active high LCDPWR polarity or
active low GPO polarity
MD11
Alternate Host Bus Interface Selected
Primary Host Bus Interface Selected
MD12
BUSCLK input divided by 2
BUSCLK input not divided
MD[15:13]
Not used


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
   Color Graphics LCD/CRT Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com