Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 37 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 37 Page - Epson Company

Back Button S1D13505 Datasheet HTML 33Page - Epson Company S1D13505 Datasheet HTML 34Page - Epson Company S1D13505 Datasheet HTML 35Page - Epson Company S1D13505 Datasheet HTML 36Page - Epson Company S1D13505 Datasheet HTML 37Page - Epson Company S1D13505 Datasheet HTML 38Page - Epson Company S1D13505 Datasheet HTML 39Page - Epson Company S1D13505 Datasheet HTML 40Page - Epson Company S1D13505 Datasheet HTML 41Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 565 page
background image
Page 32
Epson Research and Development
Vancouver Design Center
S1D13505
Hardware Functional Specification
X23A-A-001-14
Issue Date: 01/02/02
5.2.5 Miscellaneous
Table 5-4: Miscellaneous Interface Pin Descriptions
Pin Name
Type
Pin #
Cell
RESET# State
Description
SUSPEND# IO
71
CS/TS1
Hi-Z if MD[9]=0
High if
MD[10:9]=01
Low if
MD[10:9]=11
This pin can be used as a power-down input (SUSPEND#)
or as an output possibly used for controlling the LCD
backlight power:
• When MD9 = 0 at rising edge of RESET#, this pin is an
active-low Schmitt input used to put the S1D13505 into
Hardware Suspend mode - see Section 15, “Power Save
Modes” for details.
• When MD[10:9] = 01 at rising edge of RESET#, this pin
is an output (GPO) with a reset state of 1. The state of GPO
is controlled by REG[21h] bit 7.
• When MD[10:9] = 11 at rising edge of RESET#, this pin
is an output (GPO) with a reset state of 0. The state of GPO
is controlled by REG[21h] bit 7.
CLKI
I
69
C
Input clock for the internal pixel clock (PCLK) and memory
clock (MCLK). PCLK and MCLK are derived from CLKI - see
REG[19h] for details.
TESTEN
I
70
CD
Hi-Z
Test Enable. This pin should be connected to VSS for normal
operation.
VDD
P
12, 33, 55, 72,
97, 109
PVDD
DACVDD
P
99, 102, 104
P
DAC VDD
VSS
P
14, 32, 50, 68,
78, 87, 96, 110
PVSS
DACVSS
P
98, 106
P
DAC VSS


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
CRT/LCD CONTROLLER LSI
logo
fujitsu semiconductor
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
8051 Embedded CRT Monitor Controller MASK Version
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
CRT/LCD Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com