Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 30 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 30 Page - Epson Company

Back Button S1D13505 Datasheet HTML 26Page - Epson Company S1D13505 Datasheet HTML 27Page - Epson Company S1D13505 Datasheet HTML 28Page - Epson Company S1D13505 Datasheet HTML 29Page - Epson Company S1D13505 Datasheet HTML 30Page - Epson Company S1D13505 Datasheet HTML 31Page - Epson Company S1D13505 Datasheet HTML 32Page - Epson Company S1D13505 Datasheet HTML 33Page - Epson Company S1D13505 Datasheet HTML 34Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 565 page
background image
Epson Research and Development
Page 25
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
DB[15:0]
IO
16-31
C/TS2 Hi-Z
These pins are the system data bus. For 8-bit bus modes, unused data
pins should be tied to VDD.
• For SH-3/SH-4 Bus, these pins are connected to D[15:0].
• For MC68K Bus 1, these pins are connected to D[15:0].
• For MC68K Bus 2, these pins are connected to D[31:16] for 32-bit
devices (e.g. MC68030) or D[15:0] for 16-bit devices (e.g. MC68340).
• For Generic Bus, these pins are connected to D[15:0].
• For MIPS/ISA Bus, these pins are connected to SD[15:0].
• For Philips PR31500/31700 Bus, these pins are connected to
D[31:16].
• For Toshiba TX3912 Bus, pins [15:8] are connected to D[23:16] and
pins [7:0] are connected to D[31:24].
• For PowerPC Bus, these pins are connected to D[0:15].
• For PC Card (PCMCIA) Bus, these pins are connected to D[15:0].
See “Host Bus Interface Pin Mapping” for summary. See the respective
AC Timing diagram for detailed functionality.
WE1#
IO
9
CS/TS
2
Hi-Z
This is a multi-purpose pin:
• For SH-3/SH-4 Bus, this pin inputs the write enable signal for the
upper data byte (WE1#).
• For MC68K Bus 1, this pin inputs the upper data strobe (UDS#).
• For MC68K Bus 2, this pin inputs the data strobe (DS#).
• For Generic Bus, this pin inputs the write enable signal for the upper
data byte (WE1#).
• For MIPS/ISA Bus, this pin inputs the system byte high enable signal
(SBHE#).
• For Philips PR31500/31700 Bus, this pin inputs the odd byte access
enable signal (/CARDxCSH).
• For Toshiba TX3912 Bus, this pin inputs the odd byte access enable
signal (CARDxCSH*).
• For PowerPC Bus, this pin outputs the burst inhibit signal (BI#).
• For PC Card (PCMCIA) Bus, this pin inputs the card enable 2 signal
(-CE2).
See “Host Bus Interface Pin Mapping” for summary. See the respective
AC Timing diagram for detailed functionality.
M/R#
I
5
C
Hi-Z
• For Philips PR31500/31700 Bus, this pin is connected to VDD.
• For Toshiba TX3912 Bus, this pin is connected to VDD.
• For all other busses, this input pin is used to select between the
display buffer and register address spaces of the S1D13505. M/R# is
set high to access the display buffer and low to access the registers.
See Register Mapping.
See Table 5-6:, “CPU Interface Pin Mapping,” on page 34.
CS#
I
4
CHi-Z
• For Philips PR31500/31700 Bus, this pin is connected to VDD.
• For Toshiba TX3912 Bus, this pin is connected to VDD.
• For all other busses, this is the Chip Select input.
See Table 5-6:, “CPU Interface Pin Mapping,” on page 34. See the
respective AC Timing diagram for detailed functionality.
Table 5-1: Host Interface Pin Descriptions (Continued)
Pin Name
Type
Pin #
Cell
RESET#
State
Description


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
CRT/LCD CONTROLLER LSI
logo
fujitsu semiconductor
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
8051 Embedded CRT Monitor Controller MASK Version
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
CRT/LCD Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com