Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 18 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 18 Page - Epson Company

Back Button S1D13505 Datasheet HTML 14Page - Epson Company S1D13505 Datasheet HTML 15Page - Epson Company S1D13505 Datasheet HTML 16Page - Epson Company S1D13505 Datasheet HTML 17Page - Epson Company S1D13505 Datasheet HTML 18Page - Epson Company S1D13505 Datasheet HTML 19Page - Epson Company S1D13505 Datasheet HTML 20Page - Epson Company S1D13505 Datasheet HTML 21Page - Epson Company S1D13505 Datasheet HTML 22Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 565 page
background image
Epson Research and Development
Page 13
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
2.3 Display Support
• 4/8-bit monochrome passive LCD interface.
• 4/8/16-bit color passive LCD interface.
• Single-panel, single-drive displays.
• Dual-panel, dual-drive displays.
• Direct support for 9/12-bit TFT/D-TFD; 18-bit TFT/D-TFD is supported up to 64K color depth
(16-bit data).
• Embedded RAMDAC (DAC)with direct analog CRT drive.
• Simultaneous display of CRT and passive or TFT/D-TFD panels.
2.4 Display Modes
• 1/2/4/8/15/16 bit-per-pixel (bpp) support on LCD/CRT.
• Up to 16 shades of gray using FRM on monochrome passive LCD panels.
• Up to 4096 colors on passive LCD panels; three 256x4 Look-Up Tables (LUT) are used to map
1/2/4/8 bpp modes into these colors, 15/16 bpp modes are mapped directly using the 4 most
significant bits of the red, green and blue colors.
• Up to 64K colors on TFT/D-TFD LCD panels and CRT; three 256x4 Look-Up Tables are used to
map 1/2/4/8 bpp modes into 4096 colors, 15/16 bpp modes are mapped directly.
2.5 Display Features
• SwivelView™: direct hardware 90° rotation of display image for “portrait” mode display.
• Split Screen Display: allows two different images to be simultaneously viewed on the same
display.
• Virtual Display Support: displays images larger than the display size through the use of panning.
• Double Buffering/multi-pages: provides smooth animation and instantaneous screen update.
• Acceleration of screen updates by allocating full display memory bandwidth to CPU (see
REG[23h] bit 7).
• Hardware 64x64 pixel 2-bit cursor or full screen 2-bit ink layer.
• Simultaneous display of CRT and passive panel or TFT/D-TFD panel.
• Normal mode for cases where LCD and CRT screen sizes are identical.
• Line-doubling for simultaneous display of 240-line images on 240-line LCD and 480-line
CRT.
• Even-scan or interlace modes for simultaneous display of 480-line images on 240-line LCD
and 480-line CRT.
2.6 Clock Source
• Single clock input for both the pixel and memory clocks.
• Memory clock can be input clock or (input clock/2), providing flexibility to use CPU bus clock
as input.
• Pixel clock can be the memory clock, (memory clock/2), (memory clock/3) or (memory clock/4).


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
   Color Graphics LCD/CRT Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com