Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 12 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 12 Page - Epson Company

Back Button S1D13505 Datasheet HTML 8Page - Epson Company S1D13505 Datasheet HTML 9Page - Epson Company S1D13505 Datasheet HTML 10Page - Epson Company S1D13505 Datasheet HTML 11Page - Epson Company S1D13505 Datasheet HTML 12Page - Epson Company S1D13505 Datasheet HTML 13Page - Epson Company S1D13505 Datasheet HTML 14Page - Epson Company S1D13505 Datasheet HTML 15Page - Epson Company S1D13505 Datasheet HTML 16Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 565 page
background image
Epson Research and Development
Page 7
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
List of Tables
Table 5-1:
Host Interface Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 5-2:
Memory Interface Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 5-2:
LCD Interface Pin Descriptions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 5-3:
CRT Interface Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 5-4:
Miscellaneous Interface Pin Descriptions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 5-5:
Summary of Power On/Reset Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 5-6:
CPU Interface Pin Mapping. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 5-7:
Memory Interface Pin Mapping. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Table 5-8:
LCD Interface Pin Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 6-1:
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 6-2:
Recommended Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 6-3:
Electrical Characteristics for VDD = 5.0V typical . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 6-4:
Electrical Characteristics for VDD = 3.3V typical . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Table 6-5:
Electrical Characteristics for VDD = 3.0V typical . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 7-1:
SH-4 Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Table 7-2:
SH-3 Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 7-3:
MC68000 Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Table 7-4:
MC68030 Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 7-5:
PC Card Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 7-6:
Generic Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 7-7:
MIPS/ISA Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 7-8:
Philips Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Table 7-9:
Clock Input Requirements for BUSCLK using Philips local bus. . . . . . . . . . . . . . . . . . . 57
Table 7-10: Toshiba Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Table 7-11: Clock Input Requirements for BUSCLK using Toshiba local bus . . . . . . . . . . . . . . . . . . 59
Table 7-12: Power PC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 7-13: Clock Input Requirements for CLKI divided down internally (MCLK = CLKI/2) . . . . . . . . . 62
Table 7-14: Clock Input Requirements for CLKI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Table 7-15: EDO-DRAM Read/Write/Read-Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Table 7-16: EDO-DRAM CAS Before RAS Refresh Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 7-17: EDO-DRAM Self-Refresh Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Table 7-18: FPM-DRAM Read/Write/Read-Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 7-19: FPM-DRAM CAS Before RAS Refresh Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Table 7-20: FPM-DRAM CBR Self-Refresh Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
Table 7-21: LCD Panel Power Off/ Power On. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Table 7-22: Power Save Status and Local Bus Memory Access Relative to Power Save Mode . . . . . . . . . 75
Table 7-23: 4-Bit Single Monochrome Passive LCD Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . 77
Table 7-24: 8-Bit Single Monochrome Passive LCD Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . 79
Table 7-25: 4-Bit Single Color Passive LCD Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 7-26: 8-Bit Single Color Passive LCD Panel A.C. Timing (Format 1) . . . . . . . . . . . . . . . . . . . 83


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
   Color Graphics LCD/CRT Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com