Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 101 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 101 Page - Epson Company

Back Button S1D13505 Datasheet HTML 97Page - Epson Company S1D13505 Datasheet HTML 98Page - Epson Company S1D13505 Datasheet HTML 99Page - Epson Company S1D13505 Datasheet HTML 100Page - Epson Company S1D13505 Datasheet HTML 101Page - Epson Company S1D13505 Datasheet HTML 102Page - Epson Company S1D13505 Datasheet HTML 103Page - Epson Company S1D13505 Datasheet HTML 104Page - Epson Company S1D13505 Datasheet HTML 105Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 565 page
background image
Page 96
Epson Research and Development
Vancouver Design Center
S1D13505
Hardware Functional Specification
X23A-A-001-14
Issue Date: 01/02/02
1.
Ts
= pixel clock period = memory clock, [memory clock]/2, [memory clock]/3, [memory clock]/4 (see REG[19h] bits [1:0])
2.
t6min = [((REG[04h] bits [6:0])+1)*8 + ((REG[05h] bits [4:0])+1)*8] Ts
3.
t7min = [((REG[07h] bits [3:0])+1)*8] Ts
4.
t8 min = [((REG[09h] bits [1:0], REG[08h] bits [7:0])+1) + ((REG[0Ah] bits [5:0])+1)] lines
5.
t9min = [((REG[0Ch] bits [2:0])+1)] lines
6.
t10min = [((REG[04h] bits [6:0])+1)*8] Ts
7.
t12min = [((REG[06h] bits [4:0])*8)+1] Ts
8.
t14min = [((REG[04h] bits [6:0])+1)*8] Ts
9.
t15min = [((REG[06h] bits [4:0])+1)*8 - 2] Ts
10. t17min = [((REG[05h] bits [4:0])+1)*8 - ((REG[06h] bits [4:0])+1)*8 + 2]
Table 7-32: TFT/D-TFD A.C. Timing
Symbol
Parameter
Min
Typ
Max
Units
t1
FPSHIFT period
1
Ts (note 1)
t2
FPSHIFT pulse width high
0.45
Ts
t3
FPSHIFT pulse width low
0.45
Ts
t4
data setup to FPSHIFT falling edge
0.45
Ts
t5
data hold from FPSHIFT falling edge
0.45
Ts
t6
FPLINE cycle time
note 2
t7
FPLINE pulse width low
note 3
t8
FPFRAME cycle time
note 4
t9
FPFRAME pulse width low
note 5
t10
horizontal display period
note 6
t11
FPLINE setup to FPSHIFT falling edge
0.45
Ts
t12
FPFRAME pulse leading edge to FPLINE pulse
leading edge phase difference
note 7
t13
DRDY to FPSHIFT falling edge setup time
0.45
Ts
t14
DRDY pulse width
note 8
t15
DRDY falling edge to FPLINE pulse leading
edge
note 9
t16
DRDY hold from FPSHIFT falling edge
0.45
Ts
t17
FPLINE pulse leading edge to DRDY active
note 10
250
Ts


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
CRT/LCD CONTROLLER LSI
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
8051 Embedded CRT Monitor Controller MASK Version
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
CRT/LCD Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com