Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 92 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 92 Page - Epson Company

Back Button S1D13505 Datasheet HTML 88Page - Epson Company S1D13505 Datasheet HTML 89Page - Epson Company S1D13505 Datasheet HTML 90Page - Epson Company S1D13505 Datasheet HTML 91Page - Epson Company S1D13505 Datasheet HTML 92Page - Epson Company S1D13505 Datasheet HTML 93Page - Epson Company S1D13505 Datasheet HTML 94Page - Epson Company S1D13505 Datasheet HTML 95Page - Epson Company S1D13505 Datasheet HTML 96Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 565 page
background image
Epson Research and Development
Page 87
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
Figure 7-35: 16-Bit Single Color Passive LCD Panel A.C. Timing
1.
Ts
= pixel clock period = memory clock, [memory clock]/2, [memory clock]/3, [memory clock]/4 (see REG[19h] bits [1:0])
2.
t1min = t3min - 14Ts
3.
t3min = [((REG[04h] bits [6:0])+1)*8 + ((REG[05h] bits [4:0]) + 1)*8] + 33 Ts
4.
t5min = [(((REG[04h] bits [6:0])+1)*8 + ((REG[05h] bits [4:0]) + 1)*8)-1] Ts
5.
t6min = [(REG[05h] bits [4:0]) + 1)*8 - 27] Ts
6.
t7min = [((REG[05h] bits [4:0]) + 1)*8 - 18] Ts
Table 7-28: 16-Bit Single Color Passive LCD Panel A.C. Timing
Symbol
Parameter
Min
Typ
Max
Units
t1
FPFRAME setup to FPLINE pulse trailing edge
note 2
t2
FPFRAME hold from FPLINE pulse trailing edge
14
Ts (note 1)
t3
FPLINE period
note 3
t4
FPLINE pulse width
9Ts
t5
MOD transition to FPLINE pulse trailing edge
1
note 4
Ts
t6
FPSHIFT falling edge to FPLINE pulse leading edge
note 5
t7
FPSHIFT falling edge to FPLINE pulse trailing edge
note 6
t8
FPLINE pulse trailing edge to FPSHIFT falling edge
t14 + 3
Ts
t9
FPSHIFT period
5Ts
t10
FPSHIFT pulse width low
2Ts
t11
FPSHIFT pulse width high
2Ts
t12
UD[7:0], LD[7:0] setup to FPSHIFT falling edge
2Ts
t13
UD[7:0], LD[7:0] hold to FPSHIFT falling edge
2Ts
t14
FPLINE pulse trailing edge to FPSHIFT rising edge
20
Ts
t14
t10
t11
t12
t13
Data Timing
FPFRAME
t1
t2
t3
t5
t4
FPLINE
MOD
Sync Timing
FPLINE
FPSHIFT
t8
t9
1
2
t7
t6
UD[7:0]
LD[7:0]


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
CRT/LCD Controller Module
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
8051 Embedded CRT Monitor Controller MASK Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com