Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13505 Datasheet(PDF) 84 Page - Epson Company

Part # S1D13505
Description  S1D13505 Embedded RANMAC LCD/CRT Controller
PDF  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13505 Datasheet(HTML) 84 Page - Epson Company

Back Button S1D13505 Datasheet HTML 80Page - Epson Company S1D13505 Datasheet HTML 81Page - Epson Company S1D13505 Datasheet HTML 82Page - Epson Company S1D13505 Datasheet HTML 83Page - Epson Company S1D13505 Datasheet HTML 84Page - Epson Company S1D13505 Datasheet HTML 85Page - Epson Company S1D13505 Datasheet HTML 86Page - Epson Company S1D13505 Datasheet HTML 87Page - Epson Company S1D13505 Datasheet HTML 88Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 565 page
background image
Epson Research and Development
Page 79
Vancouver Design Center
Hardware Functional Specification
S1D13505
Issue Date: 01/02/02
X23A-A-001-14
Figure 7-27: 8-Bit Single Monochrome Passive LCD Panel A.C. Timing
1.
Ts
= pixel clock period = memory clock, [memory clock]/2, [memory clock]/3, [memory clock]/4 (see REG[19h] bits [1:0])
2.
t1min = t4min - 14Ts
3.
t4min = [((REG[04h] bits [6:0])+1)*8 + ((REG[05h] bits [4:0]) + 1)*8] + 33 Ts
4.
t5min = [(((REG[04h] bits [6:0])+1)*8 + ((REG[05h] bits [4:0]) + 1)*8)-1] Ts
5.
t6min = [((REG[05h] bits [4:0]) + 1)*8 - 25] Ts
6.
t9min = [((REG[05h] bits [4:0]) + 1)*8 - 16] Ts
Table 7-24: 8-Bit Single Monochrome Passive LCD Panel A.C. Timing
Symbol
Parameter
Min
Typ
Max
Units
t1
FPFRAME setup to FPLINE pulse trailing edge
note 2
t2
FPFRAME hold from FPLINE pulse trailing edge
14
Ts (note 1)
t3
FPLINE pulse width
9Ts
t4
FPLINE period
note 3
t5
MOD transition to FPLINE pulse trailing edge
1
note 4
Ts
t6
FPSHIFT falling edge to FPLINE pulse leading edge
note 5
t7
FPLINE pulse trailing edge to FPSHIFT falling edge
t10 + t11
Ts
t8
FPSHIFT period
8Ts
t9
FPSHIFT falling edge to FPLINE pulse trailing edge
note 6
t10
FPLINE pulse trailing edge to FPSHIFT rising edge
20
Ts
t11
FPSHIFT pulse width high
4Ts
t12
FPSHIFT pulse width low
4Ts
t13
UD[3:0], LD[3:0] setup to FPSHIFT falling edge
4Ts
t14
UD[3:0], LD[3:0] hold to FPSHIFT falling edge
4Ts
t13
t14
FPFRAME
FPLINE
MOD
Sync Timing
FPLINE
FPSHIFT
UD[3:0]
LD[3:0]
Data Timing
t5
t1
t2
t4
t3
t10
t7
t8
t12
t11
12
t9
t6


Similar Part No. - S1D13505

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13505F00A EPSON-S1D13505F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13505

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
CRT/LCD CONTROLLER LSI
logo
fujitsu semiconductor
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
8051 Embedded CRT Monitor Controller OTP Version
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
8051 Embedded CRT Monitor Controller Mask Version
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
8051 Embedded CRT Monitor Controller MASK Version
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
CRT/LCD Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com