Electronic Components Datasheet Search |
|
S1D13505 Datasheet(PDF) 64 Page - Epson Company |
|
S1D13505 Datasheet(HTML) 64 Page - Epson Company |
64 / 565 page Epson Research and Development Page 59 Vancouver Design Center Hardware Functional Specification S1D13505 Issue Date: 01/02/02 X23A-A-001-14 1. If the S1D13505 host interface is disabled, the timing for CARDxWAIT* driven is relative to the falling edge of chip select or the second positive edge of DCLKOUT after ADDR[12:0] becomes valid, whichever one is later. 2. If the S1D13505 host interface is disabled, the timing for D[31:16] driven is relative to the falling edge of chip select or the second positive edge of DCLKOUT after ADDR[12:0] be- comes valid, whichever one is later. Note The Toshiba interface has different clock input requirements as follows: Figure 7-11: Clock Input Requirement Table 7-10: Toshiba Timing 3.0V 5.0V Symbol Parameter Min Max Min Max Units t1 Clock period 13.3 13.3 ns t2 Clock pulse width low 5.4 5.4 ns t3 Clock pulse width high 5.4 5.4 ns t4 ADDR[12:0] setup to first CLK of cycle 10 10 ns t5 ADDR[12:0] hold from command invalid 00 ns t6 ADDR[12:0] setup to falling edge ALE 10 10 ns t7 ADDR[12:0] hold from falling edge ALE 55 ns t8 CARDREG* hold from command invalid 00 ns t91 Falling edge of chip select to CARDxWAIT* driven 0150 9 ns t10 Command invalid to CARDxWAIT* tri-state 5 25 2.5 10 ns t11 D[31:16] valid to first CLK of cycle (write cycle) 10 10 ns t12 D[31:16] hold from rising edge of CARDxWAIT* 00 t132 Chip select to D[31:16] driven (read cycle) 11 ns t14 D[31:16] setup to rising edge CARDxWAIT* (read cycle) 00 ns t15 Command invalid to D[31:16] tri-state (read cycle) 5 25 2.5 10 ns Table 7-11: Clock Input Requirements for BUSCLK using Toshiba local bus Symbol Parameter Min Max Units T OSC Input Clock Period) 13.3 ns t PWH Input Clock Pulse Width High 5.4 ns t PWL Input Clock Pulse Width Low 5.4 ns t f Input Clock Fall Time (10% - 90%) 5ns t r Input Clock Rise Time (10% - 90%) 5ns t PWL t PWH t f tr T OSC V IH VIL 10% 90% |
Similar Part No. - S1D13505 |
|
Similar Description - S1D13505 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |