Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK32164L121-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK32164L121-T
Description  Multilayer Chip Bead Inductors (BK Array series)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK32164L121-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  BK32164L121-T_V01 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc BK32164L121-T_V01 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T
Features
Item Summary
120Ω, 0.2 A, 1206/3216 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 4000pcs
Products characteristics table
Impedance
120 Ω ± 25 %
Z Measuring Frequency
100 MHz
Case Size (EIA/JIS)
1206/3216
Rated Current (max)
0.2 A
DC Resistance (max)
0.55 Ω
Operating Temp. Range
-55 to +125 ℃
RoHS Compliance (10 subst.)
Yes
REACH Compliance (197 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.2 mm
Dimension W
1.6 ±0.2 mm
Dimension T
0.8 ±0.1 mm
Dimension E1
0.35 ±0.2 mm
Dimension E2
0.3 ±0.2 mm
Dimension P
0.8 ±0.1 mm
2019.09.18
1 / 1


Similar Part No. - BK32164L121-T_V01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
More results

Similar Description - BK32164L121-T_V01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK20104L680-T TAIYO-YUDEN-BK20104L680-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164S121-T TAIYO-YUDEN-BK32164S121-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164S241-T TAIYO-YUDEN-BK32164S241-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK20104L470-T TAIYO-YUDEN-BK20104L470-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK20104M241-T TAIYO-YUDEN-BK20104M241-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L241-T TAIYO-YUDEN-BK32164L241-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164M241-T TAIYO-YUDEN-BK32164M241-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164M471-T TAIYO-YUDEN-BK32164M471-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L680-T TAIYO-YUDEN-BK32164L680-T Datasheet
154Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK20104S241-T TAIYO-YUDEN-BK20104S241-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com