Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1212132 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212132
Description  Cable-cutting tool - CUTFOX 45
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212132 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212132 Datasheet HTML 1Page - PHOENIX CONTACT 1212132 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212132
08.10.2013   Page 1 / 2
Cable-cutting tool - CUTFOX 45 - 1212132
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Two-hand ring cable cutter, with ratchet function, for copper and aluminum up to 45 mm diameter (up to
300 mm²)
Product Features
 With ratchet function for minimum effort
 CUTFOX ... one-handed ring cable cutters for professional cutting results
 Superb cutting quality
 Unlockable
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
82034000
Country of origin
GERMANY
Technical data
Dimensions
Length (b)
260 mm
Width (a)
110 mm
Classifications
ETIM
ETIM 2.0
EC000142
ETIM 3.0
EC000142
ETIM 4.0
EC000142
ETIM 5.0
EC000142


Similar Part No. - 1212132

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212133 PHOENIX-1212133 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 52
1212134 PHOENIX-1212134 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 62
1212135 PHOENIX-1212135 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 100
More results

Similar Description - 1212132

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1204753 PHOENIX-1204753 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX EB
1206829 PHOENIX-1206829 Datasheet
57Kb / 4P
Cable-cutting tool - CUTFOX 10
1212124 PHOENIX-1212124 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX-FBS
1212128 PHOENIX-1212128 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 12
1212129 PHOENIX-1212129 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 18
1212133 PHOENIX-1212133 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 52
1212134 PHOENIX-1212134 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 62
1212135 PHOENIX-1212135 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 100
1212621 PHOENIX-1212621 Datasheet
50Kb / 2P
Cable-cutting tool - CUTFOX-ES
1212816 PHOENIX-1212816 Datasheet
43Kb / 2P
Cable-cutting tool - CUTFOX 18_DB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com