Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1212129 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212129
Description  Cable-cutting tool - CUTFOX 18
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212129 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212129 Datasheet HTML 1Page - PHOENIX CONTACT 1212129 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1212129
08.08.2012   Page 1 / 2
Cable-cutting tool - CUTFOX 18 - 1212129
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Cable cutter, angled, for copper and aluminum up to 18 mm diameter (up to 50 mm²)
Why buy this product
 Ergonomic handle design to eliminate fatigue when working
 CUTFOX ... cable cutters for professional cutting results
 All parts of the cable cutters that are subject to particular strain are tempered or specially hardened
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 248 (CL2-2011)
GTIN
Custom tariff number
82032000
Country of origin
GERMANY
Technical data
General
Length (b)
180 mm
Height
50 mm
Weight
290 g
Classifications
eclass
eCl@ss 4.0
21040302
eCl@ss 4.1
21040302
eCl@ss 5.0
21040302
eCl@ss 5.1
21040302
eCl@ss 6.0
21049011
eCl@ss 7.0
21049011


Similar Part No. - 1212129

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
121212 ADELS-121212 Datasheet
121Kb / 2P
230/12
logo
Silicon Laboratories
1212121 SILABS-1212121 Datasheet
243Kb / 3P
Version 1.2 of the Si4464-63-61-60 datasheet is now available
logo
PHOENIX CONTACT
1212124 PHOENIX-1212124 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX-FBS
1212126 PHOENIX-1212126 Datasheet
53Kb / 2P
Cable-cutting tool - CUTFOX 16 VDE
1212127 PHOENIX-1212127 Datasheet
50Kb / 2P
Cable-cutting tool - CUTFOX 25 VDE
More results

Similar Description - 1212129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1204753 PHOENIX-1204753 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX EB
1206829 PHOENIX-1206829 Datasheet
57Kb / 4P
Cable-cutting tool - CUTFOX 10
1212124 PHOENIX-1212124 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX-FBS
1212128 PHOENIX-1212128 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 12
1212132 PHOENIX-1212132 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 45
1212133 PHOENIX-1212133 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 52
1212134 PHOENIX-1212134 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 62
1212135 PHOENIX-1212135 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 100
1212621 PHOENIX-1212621 Datasheet
50Kb / 2P
Cable-cutting tool - CUTFOX-ES
1212816 PHOENIX-1212816 Datasheet
43Kb / 2P
Cable-cutting tool - CUTFOX 18_DB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com