Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1212042 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1212042
Description  Replacement die - CRIMPFOX 50R/DIE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212042 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1212042 Datasheet HTML 1Page - PHOENIX CONTACT 1212042 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1212042
08.08.2012   Page 1 / 2
Replacement die - CRIMPFOX 50R/DIE - 1212042
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Spare die, for CRIMPFOX 50R
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 271 (CL2-2011)
GTIN
Custom tariff number
82032000
Country of origin
SWEDEN
Technical data
General
Color
black
Compression
WM crimp
Classifications
eclass
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043811
eCl@ss 7.0
21043811
etim
ETIM 2.0
EC001186
ETIM 3.0
EC001186
ETIM 4.0
EC001186
unspsc
UNSPSC 6.01
27112118


Similar Part No. - 1212042

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
121204 ADELS-121204 Datasheet
117Kb / 2P
   230/ 4
13/01/2020
logo
Molex Electronics Ltd.
1212040001 MOLEX-1212040001 Datasheet
34Kb / 1P
   mPm DIN Valve Connector, Form C-8mm, External Thread, 2 Pole Plus Ground Terminal, 250V AC/300V DC, Black, Nitrile Gasket
06/01/2022
logo
PHOENIX CONTACT
1212041 PHOENIX-1212041 Datasheet
58Kb / 2P
   Crimping pliers - CRIMPFOX 50R
1212043 PHOENIX-1212043 Datasheet
62Kb / 3P
   Crimping pliers - CRIMPFOX 6S-F
1212045 PHOENIX-1212045 Datasheet
51Kb / 2P
   Crimping pliers - CRIMPFOX 10S
More results

Similar Description - 1212042

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212035 PHOENIX-1212035 Datasheet
50Kb / 2P
   Replacement die - CRIMPFOX 6/DIE
1212846 PHOENIX-1212846 Datasheet
51Kb / 2P
   Replacement die - CRIMPFOX 16R TWIN/DIE
1212086 PHOENIX-1212086 Datasheet
49Kb / 3P
   Replacement die - CRIMPFOX-M FO/DIE
1212299 PHOENIX-1212299 Datasheet
47Kb / 2P
   Replacement die - CRIMPFOX-RC 25/DIE
1212326 PHOENIX-1212326 Datasheet
46Kb / 2P
   Replacement die - CRIMPFOX-C120 R95/DIE
1212739 PHOENIX-1212739 Datasheet
43Kb / 2P
   Replacement die - CRIMPFOX-C 10P/DIE
1212058 PHOENIX-1212058 Datasheet
50Kb / 2P
   Replacement die - CRIMPFOX-RCI 6/DIE
1212286 PHOENIX-1212286 Datasheet
46Kb / 2P
   Replacement die - CRIMPFOX-CX 6,48/DIE
1212284 PHOENIX-1212284 Datasheet
46Kb / 2P
   Replacement die - CRIMPFOX-CX 4,52/DIE
1212287 PHOENIX-1212287 Datasheet
47Kb / 2P
   Replacement die - CRIMPFOX-DSUB 5/DIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com