Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206829 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1206829
Description  Cable-cutting tool - CUTFOX 10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1206829 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1206829 Datasheet HTML 1Page - PHOENIX CONTACT 1206829 Datasheet HTML 2Page - PHOENIX CONTACT 1206829 Datasheet HTML 3Page - PHOENIX CONTACT 1206829 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1206829
24.10.2013   Page 1 / 4
Cable-cutting tool - CUTFOX 10 - 1206829
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Cutting machine, for cables, litz wires, and shrink sleeves, 230 V mains voltage
Product Features
 The desired length and number is entered via the user-friendly display
 The drive and guide rolls automatically adjust to each inserted diameter
 The cutting machine cuts conductors, cables, and similar profiles
 No adjustments are required thanks to the automatic zero cut, which is performed when the start button is pressed
 To insert the conductors simply open the front cover
Key commercial data
Packing unit
1 1
Custom tariff number
84798997
Country of origin
Germany
Technical data
Dimensions
Length (b)
295 mm
Height
230 mm
Width (a)
195 mm
General
Note
Cutting efficiency
Power consumption
80 VA
Maximum throughput
8
Cross section setting
automatic
Section length
2 ... 99999
Maximum number of cuts
999
Feed rate
0.5 m/s
Host system interface
RS-232


Similar Part No. - 1206829

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1206820K FRONTIER-1206820K Datasheet
124Kb / 2P
RF Coated Chokes (Axial Leads)
1206820K FRONTIER-1206820K Datasheet
126Kb / 2P
RF COATED CHOKES (AXIAL LEADS)
1206820K-LFR FRONTIER-1206820K-LFR Datasheet
124Kb / 2P
RF Coated Chokes (Axial Leads)
1206821K FRONTIER-1206821K Datasheet
124Kb / 2P
RF Coated Chokes (Axial Leads)
1206821K FRONTIER-1206821K Datasheet
126Kb / 2P
RF COATED CHOKES (AXIAL LEADS)
More results

Similar Description - 1206829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1204753 PHOENIX-1204753 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX EB
1206832 PHOENIX-1206832 Datasheet
57Kb / 4P
Cable-cutting tool - CUTFOX 10/120V
1212124 PHOENIX-1212124 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX-FBS
1212128 PHOENIX-1212128 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 12
1212129 PHOENIX-1212129 Datasheet
49Kb / 2P
Cable-cutting tool - CUTFOX 18
1212133 PHOENIX-1212133 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 52
1212134 PHOENIX-1212134 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 62
1212135 PHOENIX-1212135 Datasheet
48Kb / 2P
Cable-cutting tool - CUTFOX 100
1212621 PHOENIX-1212621 Datasheet
50Kb / 2P
Cable-cutting tool - CUTFOX-ES
1212816 PHOENIX-1212816 Datasheet
43Kb / 2P
Cable-cutting tool - CUTFOX 18_DB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com