Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2Z-100H-3 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XW2Z-100H-3
Description  Screw Terminal Block Cables
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-100H-3 Datasheet(HTML) 3 Page - Omron Electronics LLC

  XW2Z-100H-3 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-100H-3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
XW2Z
XW2Z
3
Dimensions
Unit: mm (inch)
3 XW2Z-PPPA FOR 32-POINT PLC I/O MODULES (CONNECTOR TYPE)
The G79-
PC Cable with a connector for the G7TC cannot be
used for the XW2C due to a difference in wiring. The G79-
PC
Cable can be used for some of the XW2B Screw Terminal
Blocks, refer to the XW2B data sheet.
Cable length L
Part number
Cable length L
XW2Z-050A
0.5 m (1.64 ft)
XW2Z-100A
1 m (3.28 ft)
XW2Z-150A
1.5 m (4.92 ft)
XW2Z-200A
2 m (6.56 ft)
XW2Z-300A
3 m (9.84 ft)
XW2Z-500A
5 m (16.40 ft)
Wiring Diagram
FCN-367J024-AU/F
(mated side)
XG4M-2030
(mated side)
Triangle mark
Combinations of Omron PLC I/O Modules and Screw Terminal Blocks
PLC I/O module
I/O points
Terminal block
Dedicated cable
C200H-ID215
C200H-OD215
C200H-MD215
C200H-MD115
C200H-MD501
C200H-ID501
C200H-OD501
C500-ID218CN
C500-ID501CN
C500-OD415CN
C500-MD211CN
C500-OD501CN
32 points input
32 points output
16 points in/16 points out
16 points in/16 points out
16 points in/16 points out
32 points input
32 points output
32 points input
32 points input
32 points output
16 points in/16 points out
32 points output
XW2B-20G5
XW2B-20G4
XW2B-40G5-T
XW2B-20G5-D
XW2Z-
PPPA
C200H-ID215
C200H-ID501
C500-ID218CN
C500-ID501CN
C200H-MD215
C200H-MD115
C200H-MD501
C500--MD211CN
32 points input
32 points input
32 points input
32 points input
16 points in/16 points out
16 points in/16 points out
16 points in/16 points out
16 points in/16 points out
XW2C-20G5-IN16
(See Note 3)
Note: 1. The G79-
P Cable with a connector for the G7TC cannot be used for the XW2C due to a difference in wiring. The G79-PC
Cable can be used for some of the XW2B Screw Terminal Blocks, refer to the XW2B data sheet.
2. The Input or Output Modules above have two connectors, so each one can use up to two Terminal Blocks and two dedicated
cables.
3. The XW2C is a dedicated Input Terminal Block. If the XW2C is connected to a PLC module that handles both input and output
signals (modules with “MD” in the part number), only the input portion of the PLC module can be used.


Similar Part No. - XW2Z-100H-3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-100H-3 OMRON-XW2Z-100H-3 Datasheet
1Mb / 11P
Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
More results

Similar Description - XW2Z-100H-3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
C200HOD219 OMRON-C200HOD219 Datasheet
476Kb / 13P
Screw Terminal Block Cables
logo
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
Screw Terminal Board with Flat Cables
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
screw type terminal block, pluggable
310151XX METZ-310151XX Datasheet
258Kb / 5P
screw type terminal block, solderable
310611XX METZ-310611XX Datasheet
254Kb / 5P
screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
screw type terminal block, solderable
310071XX METZ-310071XX Datasheet
336Kb / 5P
screw type terminal block, pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com