Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200288 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1200288
Description  Replacement spring - CRIMPFOX/ SPR-4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1200288 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1200288 Datasheet HTML 1Page - PHOENIX CONTACT 1200288 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1200288
08/26/2019   Page 2 / 2
Phoenix Contact 2019 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Similar Part No. - 1200288

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200280016 MOLEX-1200280016 Datasheet
42Kb / 2P
Nano-Change (M8) Double-Ended Cordset, 3 Poles, Female (90째) to Male
1200280321 MOLEX-1200280321 Datasheet
25Kb / 2P
Nano-Change (M8) Double-Ended Cordset, 3 Poles, Female (Straight) to Male
1200280462 MOLEX-1200280462 Datasheet
25Kb / 2P
Nano-Change (M8) Double-Ended Cordset, 3 Poles, Female (Straight) to Male
logo
PHOENIX CONTACT
1200281 PHOENIX-1200281 Datasheet
51Kb / 2P
Ferrule - AI-TWIN 2X 2,5 -16 BU
12/18/2019
logo
Molex Electronics Ltd.
1200281315 MOLEX-1200281315 Datasheet
23Kb / 1P
Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 1.0m (3.28) Length
02/01/2023
More results

Similar Description - 1200288

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212069 PHOENIX-1212069 Datasheet
47Kb / 2P
Replacement spring - CRIMPFOX/ SPR-1
1212036 PHOENIX-1212036 Datasheet
47Kb / 2P
Replacement spring - CRIMPFOX/ SPR-3
1212047 PHOENIX-1212047 Datasheet
42Kb / 2P
Replacement spring - CRIMPFOX/SPR-2
1212295 PHOENIX-1212295 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-TC 4/DIE
1212035 PHOENIX-1212035 Datasheet
50Kb / 2P
Replacement die - CRIMPFOX 6/DIE
1212042 PHOENIX-1212042 Datasheet
49Kb / 2P
Replacement die - CRIMPFOX 50R/DIE
1212846 PHOENIX-1212846 Datasheet
51Kb / 2P
Replacement die - CRIMPFOX 16R TWIN/DIE
1212086 PHOENIX-1212086 Datasheet
49Kb / 3P
Replacement die - CRIMPFOX-M FO/DIE
1212299 PHOENIX-1212299 Datasheet
47Kb / 2P
Replacement die - CRIMPFOX-RC 25/DIE
1212326 PHOENIX-1212326 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX-C120 R95/DIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com