Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200288 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1200288
Description  Replacement spring - CRIMPFOX/ SPR-4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1200288 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1200288 Datasheet HTML 1Page - PHOENIX CONTACT 1200288 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1200288
08/26/2019   Page 1 / 2
Replacement spring - CRIMPFOX/ SPR-4 - 1200288
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Spare recuperating spring
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626405643
Technical data
General
Color
black
Compression
universal
Approvals
Approvals
Approvals
EAC
Ex Approvals
Approval details
EAC 
 
 RU x-
DE.xx08.B.02974


Similar Part No. - 1200288

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200280016 MOLEX-1200280016 Datasheet
42Kb / 2P
   Nano-Change (M8) Double-Ended Cordset, 3 Poles, Female (90째) to Male
1200280321 MOLEX-1200280321 Datasheet
25Kb / 2P
   Nano-Change (M8) Double-Ended Cordset, 3 Poles, Female (Straight) to Male
1200280462 MOLEX-1200280462 Datasheet
25Kb / 2P
   Nano-Change (M8) Double-Ended Cordset, 3 Poles, Female (Straight) to Male
logo
PHOENIX CONTACT
1200281 PHOENIX-1200281 Datasheet
51Kb / 2P
   Ferrule - AI-TWIN 2X 2,5 -16 BU
12/18/2019
logo
Molex Electronics Ltd.
1200281315 MOLEX-1200281315 Datasheet
23Kb / 1P
   Nano-Change (M8) to Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 1.0m (3.28) Length
02/01/2023
More results

Similar Description - 1200288

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212069 PHOENIX-1212069 Datasheet
47Kb / 2P
   Replacement spring - CRIMPFOX/ SPR-1
1212036 PHOENIX-1212036 Datasheet
47Kb / 2P
   Replacement spring - CRIMPFOX/ SPR-3
1212047 PHOENIX-1212047 Datasheet
42Kb / 2P
   Replacement spring - CRIMPFOX/SPR-2
1212295 PHOENIX-1212295 Datasheet
47Kb / 2P
   Replacement die - CRIMPFOX-TC 4/DIE
1212035 PHOENIX-1212035 Datasheet
50Kb / 2P
   Replacement die - CRIMPFOX 6/DIE
1212042 PHOENIX-1212042 Datasheet
49Kb / 2P
   Replacement die - CRIMPFOX 50R/DIE
1212846 PHOENIX-1212846 Datasheet
51Kb / 2P
   Replacement die - CRIMPFOX 16R TWIN/DIE
1212086 PHOENIX-1212086 Datasheet
49Kb / 3P
   Replacement die - CRIMPFOX-M FO/DIE
1212299 PHOENIX-1212299 Datasheet
47Kb / 2P
   Replacement die - CRIMPFOX-RC 25/DIE
1212326 PHOENIX-1212326 Datasheet
46Kb / 2P
   Replacement die - CRIMPFOX-C120 R95/DIE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com