Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM-49MC-C Datasheet(PDF) 1 Page - DATEL, Inc.

Part # SHM-49MC-C
Description  Sample and Hold Amplifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

SHM-49MC-C Datasheet(HTML) 1 Page - DATEL, Inc.

  SHM-49MC-C Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number SHM-49MC-C, Sample and Hold Amplifiers
Specifications
Resolution
14 Bit
Number of Channels
1
Acquisition Time
160 ns
Power Consumption
0.365 W
Package Type
DIP
Input Range 1st (min)
-11.5 V
Input Range 1st (max)
11.5 V
Required Supply Voltage 1st
5 V
Required Supply Voltage 3rd
15 V
Required Supply Voltage 4th
-15 V
Analog Bandwidth
16 MHz
Operating Temp. Range (min)
0 ºC
Operating Temp. Range (max)
+70 ºC
RoHS
Yes
Status
Recommended for new design
200nS Acquisition Time, 0.01% Accuracy, Miniature, High-Speed Sample-Hold (S/H) Amplifier, 0°C to +70°C
temperature range, RoHS Compliant.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
8/29/2019 | Page 1 of 1


Similar Part No. - SHM-49MC-C

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
174Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
More results

Similar Description - SHM-49MC-C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
Sample and Hold Amplifiers
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com