Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 17 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 17 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 13Page - AverLogic Technologies Inc AL360A Datasheet HTML 14Page - AverLogic Technologies Inc AL360A Datasheet HTML 15Page - AverLogic Technologies Inc AL360A Datasheet HTML 16Page - AverLogic Technologies Inc AL360A Datasheet HTML 17Page - AverLogic Technologies Inc AL360A Datasheet HTML 18Page - AverLogic Technologies Inc AL360A Datasheet HTML 19Page - AverLogic Technologies Inc AL360A Datasheet HTML 20Page - AverLogic Technologies Inc AL360A Datasheet HTML 21Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
17
4.10 MCU & MCU GPIO
This MCU is upward compatible with 8051 microcontrollers, including the enriched C51
instruction set, and the16-bit and 32-bit arithmetic and logic instructions. A 4-stage
instruction pipeline enables execution of most of the instructions in a single cycle. 16
Mbytes of linear address space are used to allow for complicated application requirements.
The MCU performance is 0.296 DMIPS/MHz based on the Dhrystone V2.1 / 200 loop test.
Regarding the MCU memory space, it is convenient to view the un-segmented, 16-Mbyte
memory space as consisting of 256 regions of 64 Kbytes, numbered from 00: to FF:
The special function registers (SFRs) reside in their associated peripherals or in the core.
The following tables show the SFR address space with the SFR mnemonics and reset
values. SFR addresses are preceded by “S:” to differentiate them from addresses in the
memory space. Unoccupied locations in the SFR space (the blank locations in SFR
memory map table) are unimplemented, i.e. no register exists. If an instruction attempts to
write to an unimplemented SFR location, the instruction executes, but nothing is actually
written. If an unimplemented SFR location is read, it returns an unspecified value.
Code Memory
8 Mbytes
Memory Space
16 Mbytes
CODE SPACE
FF:FFF8h
FF:FFFFh
80:0000h
80:0007h
DATA SPACE
7F:FFF8h
7F:FFFFh
00:0000h
00:0007h
Data Memory
8 Mbytes
S:1FFh
S:000h
S:007h
SFR Area
512 bytes
63
00
07
Register File Space
64 bytes


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com