Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 15 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 15 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 11Page - AverLogic Technologies Inc AL360A Datasheet HTML 12Page - AverLogic Technologies Inc AL360A Datasheet HTML 13Page - AverLogic Technologies Inc AL360A Datasheet HTML 14Page - AverLogic Technologies Inc AL360A Datasheet HTML 15Page - AverLogic Technologies Inc AL360A Datasheet HTML 16Page - AverLogic Technologies Inc AL360A Datasheet HTML 17Page - AverLogic Technologies Inc AL360A Datasheet HTML 18Page - AverLogic Technologies Inc AL360A Datasheet HTML 19Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
15
4.6 Voltage Detection Interface
The embedded low-voltage detector is used to detect 3.3V of electrical power from an
external battery. (Refer to Application Note for related setting)
Timing Diagram
Electrical Specifications
Characteristics
Symbol
MIN
TYP
MAX
UNIT
Condition
Power
AVDD33
2.0
3.30
3.6
V
LVD Detect
Levels
(VDET_LVD)
VDET_LVD1
2.34
2.60
2.86
V
LVD_SEL=0, AVDD33 rises
VDET_LVD2
2.295
2.55
2.805
V
LVD_SEL=0, AVDD33 falls
VDET_LVD3
2.52
2.80
3.08
V
LVD_SEL=1, AVDD33 rises
VDET_LVD4
2.475
2.75
3.025
V
LVD_SEL=1, AVDD33 falls
Low Levels
(VDET_LV)
VDET_LV1
2.16
2.40
2.64
V
AVDD33 rises
VDET_LV2
2.115
2.35
2.585
V
AVDD33 falls
4.7 OSD
The On Screen Display (OSD) function is to superimpose an image on a screen picture.
The OSD engine can define characters or pictures overlaid with video streaming.
There are two OSD engines can be used in the AL360. One is basic 8-color OSD engine
and the other one is 256-color OSD. They are responsible for their respective mandates.
Note- These two OSD engines can
’t be output with SD TV Encoder path, and the 256-
color OSD engine only operates with 148.5MHz internal clock frequency.


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
High-Definition Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
Dual-Channel Video Format Converter
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
Integrated Dual 3D Video Format Converter
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
Low Cost Video Format Converter
October 14, 2014
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com