Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 14 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 14 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 10Page - AverLogic Technologies Inc AL360A Datasheet HTML 11Page - AverLogic Technologies Inc AL360A Datasheet HTML 12Page - AverLogic Technologies Inc AL360A Datasheet HTML 13Page - AverLogic Technologies Inc AL360A Datasheet HTML 14Page - AverLogic Technologies Inc AL360A Datasheet HTML 15Page - AverLogic Technologies Inc AL360A Datasheet HTML 16Page - AverLogic Technologies Inc AL360A Datasheet HTML 17Page - AverLogic Technologies Inc AL360A Datasheet HTML 18Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
14
VOUT_B_D[7]
B7
C5
C3
X
VOUT_G_D[0]
G0
C6
C4
X
VOUT_G_D[1]
G1
C7
C5
X
VOUT_G_D[2]
G2
C8
C6
X
VOUT_G_D[3]
G3
C9
C7
X
VOUT_G_D[4]
G4
X
X
X
VOUT_G_D[5]
G5
X
X
X
VOUT_G_D[6]
G6
Y0
X
X
VOUT_G_D[7]
G7
Y1
X
X
VOUT_R_D[0]
R0
Y2
Y0
D0
VOUT_R_D[1]
R1
Y3
Y1
D1
VOUT_R_D[2]
R2
Y4
Y2
D2
VOUT_R_D[3]
R3
Y5
Y3
D3
VOUT_R_D[4]
R4
Y6
Y4
D4
VOUT_R_D[5]
R5
Y7
Y5
D5
VOUT_R_D[6]
R6
Y8
Y6
D6
VOUT_R_D[7]
R7
Y9
Y7
D7
VOUT_VSYNC
V-SYNC
/
V-SYNC
/
VOUT_HSYNC
H-SYNC
/
H-SYNC
/
VOUT_DCLK
Clock
Clock
Clock
Clock
VOUT_DE
/
/
DE
/
4.4 Analog Video Output Interface
There is a 3-channel digital-to-analog converter (DAC) at 10-bit of resolution embedded in
AL360. It supports 200MSPS with a power-down mode to reduce the standby power
dissipation.
The Full-scale current of the DAC is adjustable. The converter has a unit bias current
generate circuit, and the current source array mirrors this unit bias current. When all the
currents in current source array are opened, each DAC channel will be loaded with Full-
scale current.
The relationship between the external resistor connected to pin FSADJ and Full-scale
current is expressed in below equation
:
Full_scale_current = Vref/Rfsadj * 32;
(FSADJ pin = VOUT_DAC_REXT)
For Analog RGB output:
The Vref PIN needs to be pulled as high with an 1K OHM resistance, and the
VOUT_DAC_REXT pin needs to be pulled as low with a 1.15K OHM resistance.
33.4mA=1.2/1.15K*32
4.5 Programmable flash interface
Serial flash memory provides a storage solution for systems limited by space, pins and
power. It is ideal for code shadowing to SRAM/DDR memory for application needs. The
highest performance serial flash memory interfaces are compatible with the AL360.


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com