Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 12 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 12 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 8Page - AverLogic Technologies Inc AL360A Datasheet HTML 9Page - AverLogic Technologies Inc AL360A Datasheet HTML 10Page - AverLogic Technologies Inc AL360A Datasheet HTML 11Page - AverLogic Technologies Inc AL360A Datasheet HTML 12Page - AverLogic Technologies Inc AL360A Datasheet HTML 13Page - AverLogic Technologies Inc AL360A Datasheet HTML 14Page - AverLogic Technologies Inc AL360A Datasheet HTML 15Page - AverLogic Technologies Inc AL360A Datasheet HTML 16Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
12
M-IO
GPIO[6]
N4
I/O
MCU GPIO
M-IO
GPIO[7]
N3
I/O
MCU GPIO
M-IO
GPIO[8]
N2
I/O
MCU GPIO
M-IO
GPIO[9]
N1
I/O
MCU GPIO
M-IO
UR_RX1D
M13
I
MCU UART RX 1D
M-IO
UR_RX2D
K13
I
MCU UART RX 2D
M-IO
UR_TX1D
N13
O
MCU UART TX 1D
M-IO
UR_TX2D
L13
O
MCU UART TX 2D
LVDT
LVDT
F1
I
Low Voltage detection
IO-SPI
SPI_CE_N
D11
O
SPI Flash Chip Select Output
IO-SPI
SPI_SCK
C12
O
SPI Flash Serial Clock Output
IO-SPI
SPI_SI
D12
O
SPI Flash Master Out, Slave In (SPI_MOSI)
IO-SPI
SPI_SO
C11
I
SPI Flash Master In, Slave Out (SPI_MISO)
Note: NC Pins -
A9,A10,B9,B10,C9,C10,D1,D2,D3,D4,D5,D6,E1,E2,E4,E5,F1,F3,F4,F5,G1,G2,G3,G4,H1,H2,H3,H4,H5,H8,
H9,H10,J1,J2,J3,J8,J9,J10,K1,K2,K3,K10
4 Function Description
4.1 Power-On and Chip Reset
After power-on, the internal reset machine will be processed automatically. That means
the internal engines can be reset automatically and it
doesn’t need any external hardware
circuit to trigger the reset PIN. The reset function can be enabled by the reset pin.
After power-on and after the SOC chip has reached stable voltage, the SOC chip will do
the initialization procedures automatically. The MCU needs to handle the system
procedures after 81 ms.
The system procedures include video interface initialization, memory initialization, video
processer initialization. After initialization the system always handles the u
ser’s interfaces.
The system level initialization usually requires 300 ms ~ 500 ms.
1.2V
1.14V
81mS
H/W initialing time
System procedures


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com