Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 11 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 11 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 7Page - AverLogic Technologies Inc AL360A Datasheet HTML 8Page - AverLogic Technologies Inc AL360A Datasheet HTML 9Page - AverLogic Technologies Inc AL360A Datasheet HTML 10Page - AverLogic Technologies Inc AL360A Datasheet HTML 11Page - AverLogic Technologies Inc AL360A Datasheet HTML 12Page - AverLogic Technologies Inc AL360A Datasheet HTML 13Page - AverLogic Technologies Inc AL360A Datasheet HTML 14Page - AverLogic Technologies Inc AL360A Datasheet HTML 15Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
11
P
GND
M14
Ground
Ground Digital
P
GND
N12
Ground
Ground Digital
P
GND
P4
Ground
Ground Digital
P
GND
P12
Ground
Ground Digital
P
GND
R6
Ground
Ground Digital
P
GND
R9
Ground
Ground Digital
P
GND
R15
Ground
Ground Digital
P
GND
T6
Ground
Ground Digital
P
GND
T7
Ground
Ground Digital
P
GND
T9
Ground
Ground Digital
P
GND
U6
Ground
Ground Digital
P
GND
U7
Ground
Ground Digital
P
GND
U8
Ground
Ground Digital
P
GND
U9
Ground
Ground Digital
P
GND
C14
Ground
Ground Digital
P
DGND
U1
Ground
Ground DDR
P
DGND
U4
Ground
Ground DDR
P
DGND
U5
Ground
Ground DDR
P
DGND
T3
Ground
Ground DDR
P
DGND
T2
Ground
Ground DDR
P
DGND
R2
Ground
Ground DDR
P
DGND
R3
Ground
Ground DDR
P
DGND
R5
Ground
Ground DDR
P
DGND
P7
Ground
Ground DDR
P
DGND
N6
Ground
Ground DDR
P
DGND
N9
Ground
Ground DDR
P
DGND
N10
Ground
Ground DDR
P
DGND
P11
Ground
Ground DDR
P
DGND
E14
Ground
Ground DDR
P
DGND
H14
Ground
Ground DDR
P
DGND
K14
Ground
Ground DDR
P
DV18
U2
Power
1.8V DDR Power
P
DV18
U3
Power
1.8V DDR Power
P
DV18
T5
Power
1.8V DDR Power
P
DV18
T4
Power
1.8V DDR Power
P
DV18
T1
Power
1.8V DDR Power
P
DV18
R1
Power
1.8V DDR Power
P
DV18
R4
Power
1.8V DDR Power
P
DV18
P5
Power
1.8V DDR Power
P
DV18
P6
Power
1.8V DDR Power
P
DV18
N7
Power
1.8V DDR Power
P
DV18
N8
Power
1.8V DDR Power
P
DV18
N11
Power
1.8V DDR Power
P
DV18
P10
Power
1.8V DDR Power
P
DV18
F14
Power
1.8V DDR Power
P
DV18
G14
Power
1.8V DDR Power
P
DV18
J14
Power
1.8V DDR Power
P
DV33
R10
Power
3.3V I/O Power
P
DV33
P15
Power
3.3V I/O Power
P
DV33
F15
Power
3.3V I/O Power
P
DV33
C13
Power
3.3V I/O Power
P
DV33
D10
Power
3.3V I/O Power
P
DV33
D9
Power
3.3V I/O Power
P
DV33
B8
Power
3.3V I/O Power
P
DV33
J4
Power
3.3V I/O Power
P
DV33
L4
Power
3.3V I/O Power
P
DV33
R11
Power
3.3V I/O Power
M-IO
GPIO[0]
M1
I/O
MCU GPIO
M-IO
GPIO[1]
M2
I/O
MCU GPIO
M-IO
GPIO[10]
P1
I/O
MCU GPIO
M-IO
GPIO[11]
P2
I/O
MCU GPIO
M-IO
GPIO[12]
P3
I/O
MCU GPIO
M-IO
GPIO[2]
M3
I/O
MCU GPIO
M-IO
GPIO[3]
M4
I/O
MCU GPIO
M-IO
GPIO[4]
M5
I/O
MCU GPIO
M-IO
GPIO[5]
N5
I/O
MCU GPIO


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com