Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 10 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 10 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 6Page - AverLogic Technologies Inc AL360A Datasheet HTML 7Page - AverLogic Technologies Inc AL360A Datasheet HTML 8Page - AverLogic Technologies Inc AL360A Datasheet HTML 9Page - AverLogic Technologies Inc AL360A Datasheet HTML 10Page - AverLogic Technologies Inc AL360A Datasheet HTML 11Page - AverLogic Technologies Inc AL360A Datasheet HTML 12Page - AverLogic Technologies Inc AL360A Datasheet HTML 13Page - AverLogic Technologies Inc AL360A Datasheet HTML 14Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
10
Video Input
VIN_DAT[8]
E16
I
Video Input Bus D8
Video Input
VIN_DAT[9]
D17
I
Video Input Bus D9
Video Input
VIN_HRE
A11
I
Video HER Input
Video Input
VIN_VSYN
B11
I
Video V-SYNC Input
TEST
TEST_EN
E6
I
Test Pin (Pull 4K7 OHM to High )
TEST
TMODE[0]
E7
I/O
Low = Normal mode, High = Release SPI flash bus.
TEST
TMODE[1]
E8
I/O
Low= Normal mode, High = ISP mode.
TEST
TMODE[2]
E9
I/O
Test Pin (Pull 4K7 OHM to Low)
RSTN
RSTN
E10
I/O
Global Reset Pin, Low Active
P
AGND
C1
Ground
Ground Analog
P
AGND
C3
Ground
Ground Analog
P
AGND
A4
Ground
Ground Analog
P
AGND
A5
Ground
Ground Analog
P
AGND
E3
Ground
Ground Analog
P
AGND
F2
Ground
Ground Analog
P
AGND
B2
Ground
Ground Analog
P
AGND_PLL
B6
Ground
Ground Analog
P
AGND_PLL
C7
Ground
Ground Analog
P
AV12
P8
Power
1.2V Core Power
P
AV12
R8
Power
1.2V Core Power
P
AV12
P14
Power
1.2V Core Power
P
AV12
R12
Power
1.2V Core Power
P
AV12
M15
Power
1.2V Core Power
P
AV12
D15
Power
1.2V Core Power
P
AV12
D13
Power
1.2V Core Power
P
AV12
E12
Power
1.2V Core Power
P
AV12
G15
Power
1.2V Core Power
P
AV12
J13
Power
1.2V Core Power
P
AV12
L2
Power
1.2V Core Power
P
AV12
L5
Power
1.2V Core Power
P
AV12
D14
Power
1.2V Core Power
P
AV12
H15
Power
1.2V Core Power
P
AV12
N14
Power
1.2V Core Power
P
AV12
N15
Power
1.2V Core Power
P
AV12
R13
Power
1.2V Core Power
P
AV12
T8
Power
1.2V Core Power
P
AV12_PLL
A6
Power
1.2V PLL Power
P
AV12_PLL
C6
Power
1.2V PLL Power
P
AV33
C2
Power
3.3V Analog Power
P
AV33
C4
Power
3.3V Analog Power
P
AV33
B4
Power
3.3V Analog Power
P
AV33
B5
Power
3.3V Analog Power
P
GND
P9
Ground
Ground Digital
P
GND
R7
Ground
Ground Digital
P
GND
P13
Ground
Ground Digital
P
GND
R14
Ground
Ground Digital
P
GND
L15
Ground
Ground Digital
P
GND
C15
Ground
Ground Digital
P
GND
K9
Ground
Ground Digital
P
GND
D7
Ground
Ground Digital
P
GND
E11
Ground
Ground Digital
P
GND
E15
Ground
Ground Digital
P
GND
J15
Ground
Ground Digital
P
GND
H13
Ground
Ground Digital
P
GND
A8
Ground
Ground Digital
P
GND
G5
Ground
Ground Digital
P
GND
L1
Ground
Ground Digital
P
GND
L3
Ground
Ground Digital
P
GND
K5
Ground
Ground Digital
P
GND
C8
Ground
Ground Digital
P
GND
D8
Ground
Ground Digital
P
GND
J5
Ground
Ground Digital
P
GND
K4
Ground
Ground Digital
P
GND
K8
Ground
Ground Digital
P
GND
K15
Ground
Ground Digital
P
GND
L14
Ground
Ground Digital


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
High-Definition Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
Dual-Channel Video Format Converter
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
Integrated Dual 3D Video Format Converter
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
Low Cost Video Format Converter
October 14, 2014
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com