Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 9 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 9 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 5Page - AverLogic Technologies Inc AL360A Datasheet HTML 6Page - AverLogic Technologies Inc AL360A Datasheet HTML 7Page - AverLogic Technologies Inc AL360A Datasheet HTML 8Page - AverLogic Technologies Inc AL360A Datasheet HTML 9Page - AverLogic Technologies Inc AL360A Datasheet HTML 10Page - AverLogic Technologies Inc AL360A Datasheet HTML 11Page - AverLogic Technologies Inc AL360A Datasheet HTML 12Page - AverLogic Technologies Inc AL360A Datasheet HTML 13Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
9
The pin-out definitions and functions are described as follows:
Group
Pin Name
Pin NO
Type
Description
XTAL
XTALI
A7
I
Crystal Input 27MHz
XTAL
XTALO
B7
O
Crystal Output 27MHz
Video Output
VOUT_B_D[0]
N16
O
Video Output Bus Blue D0
Video Output
VOUT_B_D[1]
N17
O
Video Output Bus Blue D1
Video Output
VOUT_B_D[2]
M16
O
Video Output Bus Blue D2
Video Output
VOUT_B_D[3]
M17
O
Video Output Bus Blue D3
Video Output
VOUT_B_D[4]
L16
O
Video Output Bus Blue D4
Video Output
VOUT_B_D[5]
L17
O
Video Output Bus Blue D5
Video Output
VOUT_B_D[6]
K16
O
Video Output Bus Blue D6
Video Output
VOUT_B_D[7]
K17
O
Video Output Bus Blue D7
Video Output
VOUT_B_C
A2
O
Analog RGB Blue output, Analog YC C Output
Video Output
VOUT_G_Y
A1
O
Analog RGB Green output, Analog YC Y Output
Video Output
VOUT_R_CVBS
B1
O
Analog RGB Red output, Analog Composite output
Video Output
VOUT_REXT
B3
I
DAC Full-Scale Adjust Resister Input
Video Output
VOUT_VREF
A3
I
DAC Voltage Reference Input, Decoupling or bypass internal
reference voltage ( Pull 1uF capacitor to Low)
Video Output
VOUT_DCLK
U10
O
Video Pixel Clock Output
Video Output
VOUT_DE
T11
O
Video DE Output
Video Output
VOUT_G_D[0]
U16
O
Video Output BusGreen D0
Video Output
VOUT_G_D[1]
T16
O
Video Output Bus Green D1
Video Output
VOUT_G_D[2]
U17
O
Video Output Bus Green D2
Video Output
VOUT_G_D[3]
T17
O
Video Output Bus Green D3
Video Output
VOUT_G_D[4]
R16
O
Video Output Bus Green D4
Video Output
VOUT_G_D[5]
R17
O
Video Output Bus Green D5
Video Output
VOUT_G_D[6]
P16
O
Video Output Bus Green D6
Video Output
VOUT_G_D[7]
P17
O
Video Output Bus Green D7
Video Output
VOUT_HSYNC
U11
O
H-SYNC Output
Video Output
VOUT_PWM_1
E13
O
Video PWM 1 Output
Video Output
VOUT_PWM_2
F13
O
Video PWM 2 Output
Video Output
VOUT_PWM_3
G13
O
Video PWM 3 Output
Video Output
VOUT_SR_D[0]
U12
O
Video Output Bus Red D0 Output, Serial RGB D0 Output
Video Output
VOUT_SR_D[1]
T12
O
Video Output Bus Red D1 Output, Serial RGB D1 output
Video Output
VOUT_SR_D[2]
U13
O
Video Output Bus Red D2 Output, Serial RGB D2 output
Video Output
VOUT_SR_D[3]
T13
O
Video Output Bus Red D3 Output, Serial RGB D3 output
Video Output
VOUT_SR_D[4]
U14
O
Video Output Bus Red D4 Output, Serial RGB D4 output
Video Output
VOUT_SR_D[5]
T14
O
Video Output Bus Red D5 Output, Serial RGB D5 output
Video Output
VOUT_SR_D[6]
U15
O
Video Output Bus Red D6 Output, Serial RGB D6 output
Video Output
VOUT_SR_D[7]
T15
O
Video Output Bus Red D7 Output, Serial RGB D7 output
Video Output
VOUT_VCOM
J17
O
Video VCOM Output
Video Output
VOUT_VSYNC
T10
O
V-SYNC Output
Video Input
VIN_CLK
A12
I
Video Pixel Clock Input
Video Input
VIN_DAT[0]
J16
I
Video Input Bus D0
Video Input
VIN_DAT[1]
H17
I
Video Input Bus D1
Video Input
VIN_DAT[10]
D16
I
Video Input Bus D10
Video Input
VIN_DAT[11]
C17
I
Video Input Bus D11
Video Input
VIN_DAT[12]
C16
I
Video Input Bus D12
Video Input
VIN_DAT[13]
B17
I
Video Input Bus D13
Video Input
VIN_DAT[14]
B16
I
Video Input Bus D14
Video Input
VIN_DAT[15]
A17
I
Video Input Bus D15
Video Input
VIN_DAT[16]
A16
I
Video Input Bus D16
Video Input
VIN_DAT[17]
B15
I
Video Input Bus D17
Video Input
VIN_DAT[18]
A15
I
Video Input Bus D18
Video Input
VIN_DAT[19]
B14
I
Video Input Bus D19
Video Input
VIN_DAT[2]
H16
I
Video Input Bus D2
Video Input
VIN_DAT[20]
A14
I
Video Input Bus D20
Video Input
VIN_DAT[21]
B13
I
Video Input Bus D21
Video Input
VIN_DAT[22]
A13
I
Video Input Bus D22
Video Input
VIN_DAT[23]
B12
I
Video Input Bus D23
Video Input
VIN_DAT[3]
G17
I
Video Input Bus D3
Video Input
VIN_DAT[4]
G16
I
Video Input Bus D4
Video Input
VIN_DAT[5]
F17
I
Video Input Bus D5
Video Input
VIN_DAT[6]
F16
I
Video Input Bus D6
Video Input
VIN_DAT[7]
E17
I
Video Input Bus D7


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com