Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 4 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 4 Page - AverLogic Technologies Inc

  AL360A Datasheet HTML 1Page - AverLogic Technologies Inc AL360A Datasheet HTML 2Page - AverLogic Technologies Inc AL360A Datasheet HTML 3Page - AverLogic Technologies Inc AL360A Datasheet HTML 4Page - AverLogic Technologies Inc AL360A Datasheet HTML 5Page - AverLogic Technologies Inc AL360A Datasheet HTML 6Page - AverLogic Technologies Inc AL360A Datasheet HTML 7Page - AverLogic Technologies Inc AL360A Datasheet HTML 8Page - AverLogic Technologies Inc AL360A Datasheet HTML 9Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
4
1 Description and Features
1.1 General Description
AverLogic’s AL360 is a multi-functional video conversion SOC. It includes embedded DDR
memory, embedded MCU, video processing engine, RGB DAC and TV encoder.
The video processor supports video input with multiple video formats, video output with de-
interlacing and scaling effects. The AverLogic’s proprietary scaling algorithm supports
video scaled up and scaled down function, the resolution is up to 1920x1080
independently in horizontal & vertical directions. It also provides de-interlacing, mirror, flip
and processes the interlaced video to be displayed on progressive panels or analog RGB
DAC output. The 256-color OSD engine is used for displaying a colorful menu tree on
screen.
The AL360 supports power saving mode, and can operate under low power voltages
(3.3V,1.8V and 1.2V) in 249-pin Lead Free (PBF) LFBGA packages.
1.2 Features
 Video Input- Digital
 8-bit CMOS Sensor and ISP chip YCbCr
 24-bit RGB888
 16-bit YCbCr
 8-bit BT.656 YCbCr
 Supports up to 148.5MHz pixel rate
 Video Output- Digital
 24-bit RGB888
 16-bit/20-bit YCbCr
 Supports digital LCD panels: 160x120,
320x240, 640x480, 800x480, 800x600 and
more
 Embedded Analog RGB DAC
 Embedded TV Encoder CVBS/S-video
 Video Output- Analog
 Embedded Analog RGB DAC
 Embedded TV Encoder CVBS/S-video
 Video Processing and Scaler
Video scaling engine (scale up/down)
up to 1080 60p
 De-interlacing video engine
(NTSC/PAL)
 Supports video freeze, zoom, flip,
mirror, rotation, motion detection and
more
 Video contrast-brightness-hue-
sharpness adjustment
 OSD
 2 OSD frames with 4 OSD windows
 256-color bitmap palette mode
Miscellaneous
 Built-in MCU80251 without OS
controller
 Supports SPI-Flash and ISP (In-
System Programming) function
 LFBGA 249 pin


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
   Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
   Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
   High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
   Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
   Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
   Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com