Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 20 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 20 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 16Page - AverLogic Technologies Inc AL360A Datasheet HTML 17Page - AverLogic Technologies Inc AL360A Datasheet HTML 18Page - AverLogic Technologies Inc AL360A Datasheet HTML 19Page - AverLogic Technologies Inc AL360A Datasheet HTML 20Page - AverLogic Technologies Inc AL360A Datasheet HTML 21Page - AverLogic Technologies Inc AL360A Datasheet HTML 22Page - AverLogic Technologies Inc AL360A Datasheet HTML 23Page - AverLogic Technologies Inc AL360A Datasheet HTML 24Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
20
Timers SFRs
Mnemonic
Address
Description
Reset value
T2CON
S:0C8h
Timer/Counter 2 control
00h
T2MOD
S:0C9h
Timer/Counter 2 mode control
00h
TCON
S:088h
Timer/Counter 0 and 1 control
00h
TH0
S:08Ch
Timer/Counter 0 high byte
00h
TH1
S:08Dh
Timer/Counter 1 high byte
00h
TH2
S:0CDh
Timer/Counter 2 high byte
00h
TL0
S:08Ah
Timer/Counter 0 low byte
00h
TL1
S:08Bh
Timer/Counter 1 low byte
00h
TL2
S:0CCh
Timer/Counter 2 low byte
00h
TMOD
S:089h
Timer/Counter 0 and 1 mode control
00h
RCAP2H
S:0CBh
Timer 2 Reload/Capture high byte
00h
RCAP2L
S:0CAh
Timer 2 Reload/Capture low byte
00h
WDTCON
S:0A5h
Watchdog Timer control
07h
WDTRST
S:0A6h
Watchdog Timer enable
00h
Programmable Counter Array SFRs
Mnemonic
Address
Description
Reset value
CCAP0H
S:0FAh
PCA Compare/Capture Module 0 high byte
00h
CCAP0L
S:0EAh
PCA Compare/Capture Module 0 low byte
00h
CCAP1H
S:0FBh
PCA Compare/Capture Module 1 high byte
00h
CCAP1L
S:0EBh
PCA Compare/Capture Module 1 low byte
00h
CCAP2H
S:0FCh
PCA Compare/Capture Module 2 high byte
00h
CCAP2L
S:0ECh
PCA Compare/Capture Module 2 low byte
00h
CCAP3H
S:0FDh
PCA Compare/Capture Module 3 high byte
00h
CCAP3L
S:0EDh
PCA Compare/Capture Module 3 low byte
00h
CCAP4H
S:0FEh
PCA Compare/Capture Module 4 high byte
00h
CCAP4L
S:0EEh
PCA Compare/Capture Module 4 low byte
00h
CCAPM0
S:0DAh
PCA Compare/Capture Mode for Module 0
00h
CCAPM1
S:0DBh
PCA Compare/Capture Mode for Module 1
00h
CCAPM2
S:0DCh
PCA Compare/Capture Mode for Module 2
00h
CCAPM3
S:0DDh
PCA Compare/Capture Mode for Module 3
00h
CCAPM4
S:0DEh
PCA Compare/Capture Mode for Module 4
00h
CCAPO
S:0DFh
PCA Output for PWM and high speed mode
00h
CCON
S:0D8h
PCA Timer/Counter Control
00h
CH
S:0F9h
PCA Timer/Counter high byte
00h
CL
S:0E9h
PCA Timer/Counter low byte
00h
CMOD
S:0D9h
PCA Timer/Counter Mode
00h
Debugs SFRs
Mnemonic
Address
Description
Reset value
CCMCON
S:08Eh
Communication Control Register
00h
CCMVAL
S:08Fh
Communication Value Register
00h
CPUINFO
S:096h
CPU information (read only register)
00h
MMCON
S:097h
Monitor mode Control register
07h
PWM SFRs
Mnemonic
Address
Description
Reset value
PWMC
S:0A2h
PWM Control Register
00h
PWMDCLSB
S:0A3h
PWM Duty Cycle LSB Register
00h


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
High-Definition Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
Dual-Channel Video Format Converter
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
Integrated Dual 3D Video Format Converter
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
Low Cost Video Format Converter
October 14, 2014
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com