Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL360A Datasheet(PDF) 19 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 19 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 15Page - AverLogic Technologies Inc AL360A Datasheet HTML 16Page - AverLogic Technologies Inc AL360A Datasheet HTML 17Page - AverLogic Technologies Inc AL360A Datasheet HTML 18Page - AverLogic Technologies Inc AL360A Datasheet HTML 19Page - AverLogic Technologies Inc AL360A Datasheet HTML 20Page - AverLogic Technologies Inc AL360A Datasheet HTML 21Page - AverLogic Technologies Inc AL360A Datasheet HTML 22Page - AverLogic Technologies Inc AL360A Datasheet HTML 23Page - AverLogic Technologies Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
19
Core SFRs
Mnemonic
Address
Description
Reset value
ACC
S:0E0h
Accumulator
00h
B
S:0F0h
B Register
00h
DPH
S:083h
Data Pointer high byte
00h
DPL
S:082h
Data Pointer low byte
00h
DPXL
S:084h
Data Pointer Extended low byte
01h
MPAGE
S:0A1h
Memory page register
00h
PCON
S:087h
Power Control
00h
PSW
S:0D0h
Program Status Word
00h
PSW1
S:0D1h
Program Status Word 1
00h
SP
S:081h
Stack Pointer low - LSB of SPX
07h
SPH
S:0BEh
Stack Pointer high - MSB of SPX
00h
Interrupt SFRs
Mnemonic
Address
Description
Reset value
AIE
S:0E8h
Additional interrupt enable register
00h
AIF
S:0C0h
Additional interrupt flag register
00h
AIPH
S:0F7h
Additional interrupt priority high register
00h
AIPL
S:0F8h
Additional interrupt priority low register
00h
IE0
S:0A8h
Interrupt Enable Control 0
00h
IPH0
S:0B7h
Interrupt Priority Control high byte 0
00h
IPL0
S:0B8h
Interrupt Priority Control low byte 0
00h
I/O ports SFRs
Mnemonic
Address
Description
Reset value
P0
S:080h
Port0
FFh
P0_DIR
S:0ACh
Port0 direction
FFh
P1
S:090h
Port1
FFh
P1_DIR
S:0ADh
Port1 direction
FFh
P2
S:0A0h
Port2
FFh
P2_DIR
S:0AEh
Port2 direction
FFh
P3
S:0B0h
Port3
FFh
P3_DIR
S:0AFh
Port3 direction
FFh
Serial Port SFRs
Mnemonic
Address
Description
Reset value
SADDR
S:0A9h
Slave Address
00h
SADEN
S:0B9h
Slave Address mask
00h
SBUF
S:099h
Serial Buffer
00h
SCON
S:098h
Serial Control
00h


Similar Part No. - AL360A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
Evaluation Board
More results

Similar Description - AL360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
logo
National Semiconductor ...
AVC2510 NSC-AVC2510 Datasheet
455Kb / 2P
Dual-Channel Video Format Converter
logo
Intersil Corporation
TW8809 INTERSIL-TW8809_15 Datasheet
144Kb / 2P
Low Cost Video Format Converter
October 14, 2014
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
High-Definition Video Format Converter
logo
Renesas Technology Corp
TW8809 RENESAS-TW8809 Datasheet
213Kb / 2P
Low Cost Video Format Converter
logo
National Semiconductor ...
AVC5000 NSC-AVC5000 Datasheet
534Kb / 3P
Integrated Dual 3D Video Format Converter
logo
List of Unclassifed Man...
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
logo
National Semiconductor ...
EVL2510 NSC-EVL2510 Datasheet
536Kb / 2P
Evaluation System for AVC2510 Dual-Channel Video Format Converter
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com